Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 48 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 48 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
LZU Ceramic Filters Signal Detection
Dimensions
Technical Characteristics
Technical Test Circuit
How to Order
LZU450C
P
Back to 1st Page - Ceramic Filters 450kHz Search-Stop Signal Detection - LZU
Part Number
Package
7.0
5.0
LZU
450C
3.5
Part Number
Resonant Frequency
(kHz)
Resonant Resistance
(Ω) (max)
Band Width(fa-fr)
(kHz)
Application
LZU450C
450±1.0
20
14±2
IF
signal detection
LZU450C4N
450±0.8
30
9±2
LZU450K3
450±1.0
30
27.5±4.5
~
~
Fr/Zr
Fa
RF
V.M
S.S.G
50KΩ
50KΩ
3KΩ
3KΩ
RF
V.M
S.S.G
TOKEN
46 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com