Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LTCA/CV10.7M SMD Ceramic Filters
SMD Ceramic Filters
for FM
SMD Ceramic Filters with Low Profile 1.5±0.2 mm,
Murata SFECV10M7 Compatible
Preview
Token SMD ceramic filter (LTCA/CV10.7M) for AM/FM has been made smaller, thinner and in a chip
configuration for surface mounting to be of help to the total chip circuit. This is one more example of Token’s
leadership in converting conventional electronic components to chip technology.
The LTCA/CV10.7M series for FM-receivers are monolithic type ceramic filters which utilize the thickness
expander mode of the piezoelectric ceramic. Piezoelectric element is connected in the sandwich shape by heat
resistant substrate, thus it has excellent mechanical strength, and it is suitable for automatic mounting.
The dimensions of LTCA/CV10.7M chip ceramic filter is small as 7.0±0.3 x 3.0±0.3 mm with low profile
1.5±0.2 mm. Insertion Loss max(dB) is from 3.0 db ~ 10 db, Spurious Attenuation (9~12 MHz) min(dB) 30
db ~ 35 db with Input/Output Impedance: 330Ω. Various bandwidths are available. Select a suitable type in
accordance with the desired selectivity.
The LTCA/CV10.7M series conform to the RoHS directive. Token will also produce devices outside these
specifications to meet specific customer requirements, please contact our sales for more information.
Applications
- Small, thin radios, automotive radios.
- Headphone stereos.
TOKEN
07 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com