Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 24 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 24 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Chip Ceramic Filters
for Communication
Surface Mount Ceramic Filters
for Communication (Murata CFUCG Compatible)
LTC 455/450 Chip Ceramic Filters
Preview
Token chip ceramic filters LTC455/450 U/W series for communication (Compatible to Murata CFUCG series)
comprises small, high performance, thin (4.0mm) consisting of 4 ceramic elements. Their innovative construction
is perfect for shrinking mobile communication products such as pocket pagers and cellular phones.
The surface mount LTC455/450 U/W series for AM use is one of the most recommendable intermediate filters,
having such distinctive features as high selectivity, high stability and adjustment-free operation. Additionally its
easy matching with IC helps create an easy circuit design.
With dimensions (7.5 x 6.0 mm) and 4.0 mm low profile, the LTC455/450 U/W filters have a small mounting
area enabling flexible PCB design and are suitable for automatic placers. Standard Center Frequency is 455kHz
with tolerance ±1.5 and 450kHz is also available. Pass Band Ripple (dB) max is 2db, Input / Output Impedance is
1000Ω and 1500Ω.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features
- They are slim, at only 4.0mm max. thickness, and have a small mounting area enabling flexible PCB design.
- Operating temperature range: -20°C to +80°C.
- Can be reflow soldered and withstand washing.
- The bandwidth ranges from D to G.
- Mountable by automatic placers.
TOKEN
22 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com