Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 30 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 30 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Ceramic Filters
for Communication
Token Ceramic Filters to Address the G.D.T. Characteristics
for Communication (Murata CF, SF Compatible)
LT 455/450 U/W Ceramic Filters
Preview
Token ceramic filters for communication LT 455/450 U/W series are 4-element and 6-element devices connected
in ladder form. These highly selective filters are designed to address the G.D.T. characteristics required in digital
communications.
The excellent G.D.T. characteristics allow these filters to be utilized in areas such as the mobile cellular markets
as well as a variety of stereo applications. (Also available in 450kHz version.)
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Benefit Features :
- LT455 EU Dimensions: (7.0 x 8.0 x 8.0 mm).
- LT455 EW Dimensions: (7.0 x 11.0 x 8.0 mm).
- Center frequency: 450kHz, 455kHz.
- Pass Band Ripple (dB) max: 2 db.
- Insertion Loss (dB) max: 4 db, 6 db.
- Input / Output Impedance: 1000Ω ~ 2000Ω.
TOKEN
28 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com