Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 47 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 47 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
LZU Ceramic Filters Signal Detection
Preview
Token ceramic filters 450kHz search-stop signal detection LZU series are specifically designed for signal
detection circuitry used in applications such as that found in the search-stop functions of electronically tuned
radios. Center frequency is also available in LTZ series a range of 450kHz ~ 470kHz.
The LZU series are narrow bandwidth filters. This filter is used in the application which detects the carrier peak
with a narrow bandwidth amplifier, or an electronic tuner as a stop signal detector.
The LZU series can be customed designs and tighter tolerances available on request and conform to the RoHS
directive.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Ceramic Filters
Search-Stop
Signal Detection
Ceramic Filters 450kHz Search-Stop Signal Detection
(Murata BFULA Compatible)
Benefit Features
- Center frequency: 455kHz. (470kHz is also available.)
- Most suitable for IC Station Detectors (SD).
- Resonant Resistance (max): 20Ω ~ 30Ω.
- LZU Dimensions: (7.0 x 9.0 x 3.5 mm).
- for IF signal detection.
TOKEN
45 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com