Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 70 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 70 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 66Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 67Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 68Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 69Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 70Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 71Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 72Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 73Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 268 page
background image
OMAP-L138 Low-Power Applications Processor
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
Recommended Operating Conditions (continued)
NAME
DESCRIPTION
CONDITION
MIN
NOM
MAX
UNIT
CVDD = 1.2V
0
300
operating point
Commercial temperature grade
CVDD = 1.1V
0
200
MHz
(default)
operating point
CVDD = 1.0V
0
100
operating point
Operating
FSYSCLK1,6
Frequency
CVDD = 1.2V
0
300
operating point
Extended temperature grade (A
CVDD = 1.1V
0
200
MHz
suffix)
operating point
CVDD = 1.0V
0
100
operating point
Device Operating Conditions
70
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com