Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 16Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 17Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 18Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 19Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 20Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 21Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 22Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 23Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 268 page
background image
OMAP-L138 Low-Power Applications Processor
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
Table 3-2. C674x Cache Registers (continued)
Byte Address
Register Name
Register Description
0x0184 4020
L1PIBAR
L1P invalidate base address register
0x0184 4024
L1PIWC
L1P invalidate word count register
0x0184 4030
L1DWIBAR
L1D writeback invalidate base address register
0x0184 4034
L1DWIWC
L1D writeback invalidate word count register
0x0184 4038
-
Reserved
0x0184 4040
L1DWBAR
L1D Block Writeback
0x0184 4044
L1DWWC
L1D Block Writeback
0x0184 4048
L1DIBAR
L1D invalidate base address register
0x0184 404C
L1DIWC
L1D invalidate word count register
0x0184 4050 - 0x0184 4FFF
-
Reserved
0x0184 5000
L2WB
L2 writeback all register
0x0184 5004
L2WBINV
L2 writeback invalidate all register
0x0184 5008
L2INV
L2 Global Invalidate without writeback
0x0184 500C - 0x0184 5027
-
Reserved
0x0184 5028
L1PINV
L1P Global Invalidate
0x0184 502C - 0x0184 5039
-
Reserved
0x0184 5040
L1DWB
L1D Global Writeback
0x0184 5044
L1DWBINV
L1D Global Writeback with Invalidate
0x0184 5048
L1DINV
L1D Global Invalidate without writeback
0x0184 8000 – 0x0184 80FF
MAR0 - MAR63
Reserved 0x0000 0000 – 0x3FFF FFFF
Memory Attribute Registers for EMIFA SDRAM Data (CS0) 0x4000 0000 –
0x0184 8100 – 0x0184 817F
MAR64 – MAR95
0x5FFF FFFF
Memory Attribute Registers for EMIFA Async Data (CS2) 0x6000 0000 –
0x0184 8180 – 0x0184 8187
MAR96 - MAR97
0x61FF FFFF
Memory Attribute Registers for EMIFA Async Data (CS3) 0x6200 0000 –
0x0184 8188 – 0x0184 818F
MAR98 – MAR99
0x63FF FFFF
Memory Attribute Registers for EMIFA Async Data (CS4) 0x6400 0000 –
0x0184 8190 – 0x0184 8197
MAR100 – MAR101
0x65FF FFFF
Memory Attribute Registers for EMIFA Async Data (CS5) 0x6600 0000 –
0x0184 8198 – 0x0184 819F
MAR102 – MAR103
0x67FF FFFF
0x0184 81A0 – 0x0184 81FF
MAR104 – MAR127
Reserved 0x6800 0000 – 0x7FFF FFFF
Memory Attribute Register for Shared RAM 0x8000 0000 – 0x8001 FFFF
0x0184 8200
MAR128
Reserved 0x8002 0000 – 0x81FF FFFF
0x0184 8204 – 0x0184 82FF
MAR129 – MAR191
Reserved 0x8200 0000 – 0xBFFF FFFF
Memory Attribute Registers for DDR2 Data (CS2) 0xC000 0000 – 0xDFFF
0x0184 8300 – 0x0184 837F
MAR192 – MAR223
FFFF
0x0184 8380 – 0x0184 83FF
MAR224 – MAR255
Reserved 0xE000 0000 – 0xFFFF FFFF
See the following table for a detailed top level device memory map that includes the DSP memory space.
20
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com