Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 20Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 21Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 22Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 23Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 24Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 25Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 26Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 27Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 268 page
background image
OMAP-L138 Low-Power Applications Processor
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
Table 3-3. OMAP-L138 Top Level Memory Map (continued)
Start
End
Size
ARM Mem
DSP Mem
EDMA Mem Map
PRUSS Mem
Master
LCDC
Address
Address
Map
Map
Map
Peripheral
Mem
Mem Map
Map
0xB000 0000
0xB000 7FFF
32K
DDR2 Control Regs
0xB000 8000
0xBFFF
FFFF
0xC000 0000
0xDFFF
512M
DDR2 Data
FFFF
0xE000 0000
0xFFFC
FFFF
0xFFFD 0000
0xFFFD
64K
ARM local
FFFF
ROM
0xFFFE 0000
0xFFFE
DFFF
0xFFFE
0xFFFE
8K
ARM
E000
FFFF
Interrupt
Controller
0xFFFF 0000
0xFFFF
8K
ARM local
1FFF
RAM
0xFFFF 2000
0xFFFF
FFFF
Device Overview
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com