Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 4Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 5Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 6Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 7Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 8Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 9Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 10Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 11Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 268 page
background image
Contents
OMAP-L138 Low-Power Applications Processor
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
www.ti.com
1
OMAP-L138 Low-Power Applications Processor
. 1
6.8
Power and Sleep Controller (PSC)
.................. 93
1.1
Features
.............................................. 1
6.9
EDMA
............................................... 98
1.2
Trademarks
........................................... 4
6.10
External Memory Interface A (EMIFA)
............. 104
1.3
Description
............................................ 5
6.11
DDR2/mDDR Controller
............................ 113
1.4
Functional Block Diagram
............................ 7
6.12
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 126
2
Revision History
......................................... 9
6.13
Serial ATA Controller (SATA)
...................... 129
3
Device Overview
........................................ 10
6.14
Multichannel Audio Serial Port (McASP)
.......... 131
3.1
Documentation Support
............................. 10
6.15
Multichannel Buffered Serial Port (McBSP)
........ 140
3.2
Device Characteristics
.............................. 10
6.16
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 150
3.3
Device Compatibility
................................. 12
6.17
Inter-Integrated Circuit Serial Ports (I2C)
.......... 176
6.18
Universal Asynchronous Receiver/Transmitter
3.4
ARM Subsystem
.................................... 12
(UART)
............................................. 180
3.5
DSP Subsystem
..................................... 15
6.19
Universal Serial Bus OTG Controller (USB0)
3.6
Memory Map Summary
............................. 21
[USB2.0 OTG]
..................................... 182
3.7
Pin Assignments
.................................... 25
6.20
Universal Serial Bus Host Controller (USB1)
3.8
Pin Multiplexing Control
............................. 28
[USB1.1 OHCI]
..................................... 189
3.9
Terminal Functions
.................................. 29
6.21
Ethernet Media Access Controller (EMAC)
........ 190
4
Device Configuration
.................................. 65
6.22
Management Data Input/Output (MDIO)
........... 198
4.1
Boot Modes
......................................... 65
6.23
LCD Controller (LCDC)
............................ 200
4.2
SYSCFG Module
.................................... 65
6.24
Host-Port Interface (UHPI)
......................... 215
5
Device Operating Conditions
........................ 68
6.25
Universal Parallel Port (uPP)
...................... 223
5.1
Absolute Maximum Ratings Over Operating
6.26
Video Port Interface (VPIF)
........................ 228
Junction Temperature Range
6.27
Enhanced Capture (eCAP) Peripheral
............. 234
(Unless Otherwise Noted)
................................. 68
6.28
Enhanced High-Resolution Pulse-Width Modulator
5.2
Recommended Operating Conditions
............... 69
(eHRPWM)
......................................... 237
5.3
Electrical Characteristics Over Recommended
6.29
Timers
.............................................. 242
Ranges of Supply Voltage and Operating Junction
Temperature (Unless Otherwise Noted)
............ 71
6.30
Real Time Clock (RTC)
............................ 244
6
Peripheral Information and Electrical
6.31
General-Purpose Input/Output (GPIO)
............. 247
Specifications
........................................... 72
6.32
Programmable Real-Time Unit Subsystem
(PRUSS)
........................................... 251
6.1
Parameter Information
.............................. 72
6.2
Recommended Clock and Control Signal Transition
6.33
Emulation Logic
.................................... 254
Behavior
............................................. 73
7
Mechanical Packaging and Orderable
6.3
Power Supplies
...................................... 73
Information
............................................. 261
6.4
Reset
................................................ 74
7.1
Device Support
..................................... 261
6.5
Crystal Oscillator or External Clock Input
........... 77
7.2
Thermal Data for ZCE Package
................... 263
6.6
Clock PLLs
.......................................... 78
7.3
Thermal Data for ZWT Package
................... 264
6.7
Interrupts
............................................ 82
Contents
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com