Electronic Components Datasheet Search
  English  ▼

X  

AMPL138ZCE3 Datasheet(PDF) 23 Page - Texas Instruments

Part # AMPL138ZCE3
Description  OMAP-L138 Low-Power Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMPL138ZCE3 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMPL138ZCE3 Datasheet HTML 19Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 20Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 21Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 22Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 23Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 24Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 25Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 26Page - Texas Instruments AMPL138ZCE3 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 268 page
background image
OMAP-L138 Low-Power Applications Processor
www.ti.com
SPRS586A – JUNE 2009 – REVISED AUGUST 2009
Table 3-3. OMAP-L138 Top Level Memory Map (continued)
Start
End
Size
ARM Mem
DSP Mem
EDMA Mem Map
PRUSS Mem
Master
LCDC
Address
Address
Map
Map
Map
Peripheral
Mem
Mem Map
Map
0x01E2 9000
0x01E2
BFFF
0x01E2 C000
0x01E2
4K
SYSCFG1
CFFF
0x01E2 D000 0x01E2 FFFF
0x01E3 0000
0x01E3 7FFF
32K
EDMA3 CC1
0x01E3 8000
0x01E3 83FF
1K
EDMA3 TC2
0x01E3 8400
0x01EF
FFFF
0x01F0 0000
0x01F0 0FFF
4K
eHRPWM 0
0x01F0 1000
0x01F0 1FFF
4K
HRPWM 0
0x01F0 2000
0x01F0 2FFF
4K
eHRPWM 1
0x01F0 3000
0x01F0 3FFF
4K
HRPWM 1
0x01F0 4000
0x01F0 5FFF
0x01F0 6000
0x01F0 6FFF
4K
ECAP 0
0x01F0 7000
0x01F0 7FFF
4K
ECAP 1
0x01F0 8000
0x01F0 8FFF
4K
ECAP 2
0x01F0 9000
0x01F0 BFFF
0x01F0 C000
0x01F0
4K
Timer2
CFFF
0x01F0 D000
0x01F0
4K
Timer3
DFFF
0x01F0 E000 0x01F0 EFFF
4K
SPI1
0x01F0 F000
0x01F0 FFFF
0x01F1 0000
0x01F1 0FFF
4K
McBSP0 FIFO Data
0x01F1 1000
0x01F1 1FFF
4K
McBSP1 FIFO Data
0x01F1 2000
0x116F FFFF
0x1170 0000
0x117F FFFF
1024K
DSP L2 ROM
0x1180 0000
0x1183 FFFF
256K
DSP L2 RAM
0x1184 0000
0x11DF
FFFF
0x11E0 0000
0x11E0 7FFF
32K
DSP L1P RAM
0x11E0 8000
0x11EF
FFFF
0x11F0 0000
0x11F0 7FFF
32K
DSP L1D RAM
0x11F0 8000
0x3FFF
FFFF
0x4000 0000
0x5FFF
512M
EMIFA SDRAM data (CS0)
FFFF
0x6000 0000
0x61FF FFFF
32M
EMIFA async data (CS2)
0x6200 0000
0x63FF FFFF
32M
EMIFA async data (CS3)
0x6400 0000
0x65FF FFFF
32M
EMIFA async data (CS4)
0x6600 0000
0x67FF FFFF
32M
EMIFA async data (CS5)
0x6800 0000
0x6800 7FFF
32K
EMIFA Control Regs
0x6800 8000
0x7FFF
FFFF
0x8000 0000
0x8001 FFFF
128K
Shared RAM
0x8002 0000
0xAFFF
FFFF
Submit Documentation Feedback
Device Overview
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com