Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 14Page - NXP Semiconductors MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors MFRC522 Datasheet HTML 21Page - NXP Semiconductors MFRC522 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
18 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.4.5
7-Bit addressing
During the I2C-bus address procedure, the first byte after the START condition is used to
determine which slave will be selected by the master.
Several address numbers are reserved. During device configuration, the designer must
ensure that collisions with these reserved addresses cannot occur. Check the I2C-bus
specification for a complete list of reserved addresses.
The I2C-bus address specification is dependent on the definition of pin EA. Immediately
after releasing pin NRSTPD or after a power-on reset, the device defines the I2C-bus
address according to pin EA.
If pin EA is set LOW, the upper 4 bits of the device bus address are reserved by
NXP Semiconductors and set to 0101b for all MFRC522 devices. The remaining 3 bits
(ADR_0, ADR_1, ADR_2) of the slave address can be freely configured by the customer
to prevent collisions with other I2C-bus devices.
If pin EA is set HIGH, ADR_0 to ADR_5 can be completely specified at the external pins
according to Table 5 on page 8. ADR_6 is always set to logic 0.
In both modes, the external address coding is latched immediately after releasing the
reset condition. Further changes at the used pins are not taken into consideration.
Depending on the external wiring, the I2C-bus address pins can be used for test signal
outputs.
8.1.4.6
Register write access
To write data from the host controller using the I2C-bus to a specific register in the
MFRC522 the following frame format must be used.
• The first byte of a frame indicates the device address according to the I2C-bus rules.
• The second byte indicates the register address followed by up to n-data bytes.
In one frame all data bytes are written to the same register address. This enables fast
FIFO buffer access. The Read/Write (R/W) bit is set to logic 0.
Fig 16. First byte following the START procedure
001aak591
slave address
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com