Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 44Page - NXP Semiconductors MFRC522 Datasheet HTML 45Page - NXP Semiconductors MFRC522 Datasheet HTML 46Page - NXP Semiconductors MFRC522 Datasheet HTML 47Page - NXP Semiconductors MFRC522 Datasheet HTML 48Page - NXP Semiconductors MFRC522 Datasheet HTML 49Page - NXP Semiconductors MFRC522 Datasheet HTML 50Page - NXP Semiconductors MFRC522 Datasheet HTML 51Page - NXP Semiconductors MFRC522 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
48 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.2.5
TxControlReg register
Controls the logical behavior of the antenna driver pins TX1 and TX2.
2
RxMultiple
0
receiver is deactivated after receiving a data frame
1
able to receive more than one data frame
only valid for data rates above 106 kBd in order to handle the
polling command
after setting this bit the Receive and Transceive commands will
not terminate automatically. Multiple reception can only be
deactivated by writing any command (except the Receive
command) to the CommandReg register, or by the host clearing
the bit
if set to logic 1, an error byte is added to the FIFO buffer at the
end of a received data stream which is a copy of the ErrorReg
register value
1 to 0
reserved
-
reserved for future use
Table 60.
RxModeReg register bit descriptions …continued
Bit
Symbol
Value
Description
Table 61.
TxControlReg register (address 14h); reset value: 80h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
InvTx2RF
On
InvTx1RF
On
InvTx2RF
Off
InvTx1RF
Off
Tx2CW reserved Tx2RFEn Tx1RFEn
Access
R/W
R/W
R/W
R/W
R/W
-
R/W
R/W
Table 62.
TxControlReg register bit descriptions
Bit Symbol
Value Description
7
InvTx2RFOn 1
output signal on pin TX2 inverted when driver TX2 is enabled
6
InvTx1RFOn 1
output signal on pin TX1 inverted when driver TX1 is enabled
5
InvTx2RFOff 1
output signal on pin TX2 inverted when driver TX2 is disabled
4
InvTx1RFOff 1
output signal on pin TX1 inverted when driver TX1 is disabled
3
Tx2CW
1
output signal on pin TX2 continuously delivers the unmodulated
13.56 MHz energy carrier
0
Tx2CW bit is enabled to modulate the 13.56 MHz energy carrier
2
reserved
-
reserved for future use
1
Tx2RFEn
1
output signal on pin TX2 delivers the 13.56 MHz energy carrier
modulated by the transmission data
0
Tx1RFEn
1
output signal on pin TX1 delivers the 13.56 MHz energy carrier
modulated by the transmission data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com