Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 83Page - NXP Semiconductors MFRC522 Datasheet HTML 84Page - NXP Semiconductors MFRC522 Datasheet HTML 85Page - NXP Semiconductors MFRC522 Datasheet HTML 86Page - NXP Semiconductors MFRC522 Datasheet HTML 87Page - NXP Semiconductors MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors MFRC522 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
87 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
20. Abbreviations
21. References
[1]
Application note — MFRC52x Reader IC Family Directly Matched Antenna
Design
[2]
Application note — MIFARE (ISO/IEC 14443 A) 13.56 MHz RFID Proximity
Antennas
Table 159. Abbreviations
Acronym
Description
ADC
Analog-to-Digital Converter
BPSK
Binary Phase Shift Keying
CRC
Cyclic Redundancy Check
CW
Continuous Wave
DAC
Digital-to-Analog Converter
HBM
Human Body Model
I2C
Inter-integrated Circuit
LSB
Least Significant Bit
MISO
Master In Slave Out
MM
Machine Model
MOSI
Master Out Slave In
MSB
Most Significant Bit
NRZ
Not Return to Zero
NSS
Not Slave Select
PLL
Phase-Locked Loop
PRBS
Pseudo-Random Bit Sequence
RX
Receiver
SOF
Start Of Frame
SPI
Serial Peripheral Interface
TX
Transmitter
UART
Universal Asynchronous Receiver Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com