Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors MFRC522 Datasheet HTML 21Page - NXP Semiconductors MFRC522 Datasheet HTML 22Page - NXP Semiconductors MFRC522 Datasheet HTML 23Page - NXP Semiconductors MFRC522 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
20 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.4.8
High-speed mode
In High-speed mode (HS mode), the device can transfer information at data rates of up to
3.4 Mbit/s, while remaining fully downward-compatible with Fast or Standard mode
(F/S mode) for bidirectional communication in a mixed-speed bus system.
8.1.4.9
High-speed transfer
To achieve data rates of up to 3.4 Mbit/s the following improvements have been made to
I2C-bus operation.
• The inputs of the device in HS mode incorporate spike suppression, a Schmitt trigger
on the SDA and SCL inputs and different timing constants when compared to
F/S mode
• The output buffers of the device in HS mode incorporate slope control of the falling
edges of the SDA and SCL signals with different fall times compared to F/S mode
8.1.4.10
Serial data transfer format in HS mode
The HS mode serial data transfer format meets the Standard mode I2C-bus specification.
HS mode can only start after all of the following conditions (all of which are in F/S mode):
1. START condition (S)
2. 8-bit master code (00001XXXb)
3. Not-acknowledge bit (A)
When HS mode starts, the active master sends a repeated START condition (Sr) followed
by a 7-bit slave address with a R/W bit address and receives an acknowledge bit (A) from
the selected MFRC522.
Data transfer continues in HS mode after the next repeated START (Sr), only switching
back to F/S mode after a STOP condition (P). To reduce the overhead of the master code,
a master links a number of HS mode transfers, separated by repeated START conditions
(Sr).
Fig 18. I2C-bus HS mode protocol switch
F/S mode
HS mode (current-source for SCL HIGH enabled)
F/S mode
001aak749
A
A
A/A
DATA
(n-bytes + A)
S
R/W
MASTER CODE
Sr SLAVE ADDRESS
HS mode continues
Sr
SLAVE ADDRESS
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com