Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 60Page - NXP Semiconductors MFRC522 Datasheet HTML 61Page - NXP Semiconductors MFRC522 Datasheet HTML 62Page - NXP Semiconductors MFRC522 Datasheet HTML 63Page - NXP Semiconductors MFRC522 Datasheet HTML 64Page - NXP Semiconductors MFRC522 Datasheet HTML 65Page - NXP Semiconductors MFRC522 Datasheet HTML 66Page - NXP Semiconductors MFRC522 Datasheet HTML 67Page - NXP Semiconductors MFRC522 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
64 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
[1]
Remark: Current source output; the use of 1 k
Ω pull-down resistor on AUXn is recommended.
Table 134. AnalogTestReg register bit descriptions
Bit
Symbol
Value Description
7 to 4 AnalogSelAux1
[3:0]
controls pin AUX1
0000
3-state
0001
output of TestDAC1 (AUX1), output of TestDAC2 (AUX2)[1]
0010
test signal Corr1[1]
0011
reserved
0100
DAC: test signal MinLevel[1]
0101
DAC: test signal ADC_I[1]
0110
DAC: test signal ADC_Q[1]
0111
reserved
1000
reserved, test signal for production test[1]
1001
reserved
1010
HIGH
1011
LOW
1100
TxActive:
at 106 kBd: HIGH during Start bit, Data bit, Parity and CRC
at 212 kBd: 424 kBd and 848 kBd: HIGH during data and
CRC
1101
RxActive:
at 106 kBd: HIGH during Data bit, Parity and CRC
at 212 kBd: 424 kBd and 848 kBd: HIGH during data and
CRC
1110
subcarrier detected:
106 kBd: not applicable
212 kBd: 424 kBd and 848 kBd: HIGH during last part of
data and CRC
1111
test bus bit as defined by the TestSel1Reg register’s
TstBusBitSel[2:0] bits
Remark: all test signals are described in Section 16.1 on
page 79
3 to 0 AnalogSelAux2
[3:0]
-
controls pin AUX2 (see bit descriptions for AUX1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com