Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 36Page - NXP Semiconductors MFRC522 Datasheet HTML 37Page - NXP Semiconductors MFRC522 Datasheet HTML 38Page - NXP Semiconductors MFRC522 Datasheet HTML 39Page - NXP Semiconductors MFRC522 Datasheet HTML 40Page - NXP Semiconductors MFRC522 Datasheet HTML 41Page - NXP Semiconductors MFRC522 Datasheet HTML 42Page - NXP Semiconductors MFRC522 Datasheet HTML 43Page - NXP Semiconductors MFRC522 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
40 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.1.8
Status1Reg register
Contains status bits of the CRC, interrupt and FIFO buffer.
Table 35.
Status1Reg register (address 07h); reset value: 21h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
CRCOk CRCReady
IRq
TRunning
reserved
HiAlert
LoAlert
Access
-
R
R
R
R
-
R
R
Table 36.
Status1Reg register bit descriptions
Bit Symbol
Value Description
7
reserved
-
reserved for future use
6
CRCOk
1
the CRC result is zero
for data transmission and reception, the CRCOk bit is undefined: use the
ErrorReg register’s CRCErr bit
indicates the status of the CRC coprocessor, during calculation the value
changes to logic 0, when the calculation is done correctly the value
changes to logic 1
5
CRCReady 1
the CRC calculation has finished
only valid for the CRC coprocessor calculation using the CalcCRC
command
4
IRq
-
indicates if any interrupt source requests attention with respect to the
setting of the interrupt enable bits: see the ComIEnReg and DivIEnReg
registers
3
TRunning
1
MFRC522’s timer unit is running, i.e. the timer will decrement the
TCounterValReg register with the next timer clock
Remark: in gated mode, the TRunning bit is set to logic 1 when the
timer is enabled by TModeReg register’s TGated[1:0] bits; this bit is not
influenced by the gated signal
2
reserved
-
reserved for future use
1
HiAlert
1
the number of bytes stored in the FIFO buffer corresponds to equation:
example:
FIFO length = 60, WaterLevel = 4
→ HiAlert = 1
FIFO length = 59, WaterLevel = 4
→ HiAlert = 0
0
LoAlert
1
the number of bytes stored in the FIFO buffer corresponds to equation:
example:
FIFO length = 4, WaterLevel = 4
→ LoAlert = 1
FIFO length = 5, WaterLevel = 4
→ LoAlert = 0
HiAlert
64
FIFOLength
–
)
(
WaterLevel
≤
=
LoAlert
FIFOLength
WaterLevel
≤
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com