Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 28Page - NXP Semiconductors MFRC522 Datasheet HTML 29Page - NXP Semiconductors MFRC522 Datasheet HTML 30Page - NXP Semiconductors MFRC522 Datasheet HTML 31Page - NXP Semiconductors MFRC522 Datasheet HTML 32Page - NXP Semiconductors MFRC522 Datasheet HTML 33Page - NXP Semiconductors MFRC522 Datasheet HTML 34Page - NXP Semiconductors MFRC522 Datasheet HTML 35Page - NXP Semiconductors MFRC522 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
32 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
The clock applied to the MFRC522 provides a time basis for the synchronous system’s
encoder and decoder. The stability of the clock frequency, therefore, is an important factor
for correct operation. To obtain optimum performance, clock jitter must be reduced as
much as possible. This is best achieved using the internal oscillator buffer with the
recommended circuitry.
If an external clock source is used, the clock signal must be applied to pin OSCIN. In this
case, special care must be taken with the clock duty cycle and clock jitter and the clock
quality must be verified.
8.8 Reset and oscillator start-up time
8.8.1 Reset timing requirements
The reset signal is filtered by a hysteresis circuit and a spike filter before it enters the
digital circuit. The spike filter rejects signals shorter than 10 ns. In order to perform a reset,
the signal must be LOW for at least 100 ns.
8.8.2 Oscillator start-up time
If the MFRC522 has been set to a Power-down mode or is powered by a VDDX supply, the
start-up time for the MFRC522 depends on the oscillator used and is shown in Figure 23.
The time (tstartup) is the start-up time of the crystal oscillator circuit. The crystal oscillator
start-up time is defined by the crystal.
The time (td) is the internal delay time of the MFRC522 when the clock signal is stable
before the MFRC522 can be addressed.
The delay time is calculated by:
(7)
The time (tosc) is the sum of td and tstartup.
Fig 23. Oscillator start-up time
t
d
1024
27
μs
--------------
37.74
μs
==
001aak596
tstartup
td
tosc
t
device activation
oscillator
clock stable
clock ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com