Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 63Page - NXP Semiconductors MFRC522 Datasheet HTML 64Page - NXP Semiconductors MFRC522 Datasheet HTML 65Page - NXP Semiconductors MFRC522 Datasheet HTML 66Page - NXP Semiconductors MFRC522 Datasheet HTML 67Page - NXP Semiconductors MFRC522 Datasheet HTML 68Page - NXP Semiconductors MFRC522 Datasheet HTML 69Page - NXP Semiconductors MFRC522 Datasheet HTML 70Page - NXP Semiconductors MFRC522 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
67 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
10. MFRC522 command set
10.1 General description
The MFRC522 operation is determined by a state machine capable of performing a set of
commands. A command is executed by writing a command code (see Table 149) to the
CommandReg register.
Arguments and/or data necessary to process a command are exchanged via the FIFO
buffer.
10.2 General behavior
• Each command that needs a data bit stream (or data byte stream) as an input
immediately processes any data in the FIFO buffer. An exception to this rule is the
Transceive command. Using this command, transmission is started with the
BitFramingReg register’s StartSend bit.
• Each command that needs a certain number of arguments, starts processing only
when it has received the correct number of arguments from the FIFO buffer.
• The FIFO buffer is not automatically cleared when commands start. This makes it
possible to write command arguments and/or the data bytes to the FIFO buffer and
then start the command.
• Each command can be interrupted by the host writing a new command code to the
CommandReg register, for example, the Idle command.
10.3 MFRC522 command overview
Table 149. Command overview
Command
Command
code
Action
Idle
0000
no action, cancels current command execution
Mem
0001
stores 25 bytes into the internal buffer
Generate RandomID
0010
generates a 10-byte random ID number
CalcCRC
0011
activates the CRC coprocessor or performs a self test
Transmit
0100
transmits data from the FIFO buffer
NoCmdChange
0111
no command change, can be used to modify the
CommandReg register bits without affecting the command,
for example, the PowerDown bit
Receive
1000
activates the receiver circuits
Transceive
1100
transmits data from FIFO buffer to antenna and automatically
activates the receiver after transmission
-
1101
reserved for future use
MFAuthent
1110
performs the MIFARE standard authentication as a reader
SoftReset
1111
resets the MFRC522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com