Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors MFRC522 Datasheet HTML 14Page - NXP Semiconductors MFRC522 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
11 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.3.2
Selectable UART transfer speeds
The internal UART interface is compatible with an RS232 serial interface.
The default transfer speed is 9.6 kBd. To change the transfer speed, the host controller
must write a value for the new transfer speed to the SerialSpeedReg register. Bits
BR_T0[2:0] and BR_T1[4:0] define the factors for setting the transfer speed in the
SerialSpeedReg register.
The BR_T0[2:0] and BR_T1[4:0] settings are described in Table 9. Examples of different
transfer speeds and the relevant register settings are given in Table 10.
[1]
The resulting transfer speed error is less than 1.5 % for all described transfer speeds.
The selectable transfer speeds shown in Table 10 are calculated according to the
following equations:
If BR_T0[2:0] = 0:
(1)
If BR_T0[2:0] > 0:
(2)
Remark: Transfer speeds above 1228.8 kBd are not supported.
Table 9.
BR_T0 and BR_T1 settings
BR_Tn
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
BR_T0 factor
1
1248
16
32
64
BR_T1 range
1 to 32 33 to 64 33 to 64 33 to 64 33 to 64 33 to 64 33 to 64 33 to 64
Table 10.
Selectable UART transfer speeds
Transfer speed (kBd)
SerialSpeedReg value
Transfer speed accuracy
(%)[1]
Decimal
Hexadecimal
7.2
250
FAh
−0.25
9.6
235
EBh
0.32
14.4
218
DAh
−0.25
19.2
203
CBh
0.32
38.4
171
ABh
0.32
57.6
154
9Ah
−0.25
115.2
122
7Ah
−0.25
128
116
74h
−0.06
230.4
90
5Ah
−0.25
460.8
58
3Ah
−0.25
921.6
28
1Ch
1.45
1228.8
21
15h
0.32
transfer speed
27.12
10
6
×
BR_T0
1
+
()
--------------------------------
=
transfer speed
27.12
106
×
BR_T1
33
+
()
2
BR_T0
1
–
()
-----------------------------------
-----------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com