Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 68Page - NXP Semiconductors MFRC522 Datasheet HTML 69Page - NXP Semiconductors MFRC522 Datasheet HTML 70Page - NXP Semiconductors MFRC522 Datasheet HTML 71Page - NXP Semiconductors MFRC522 Datasheet HTML 72Page - NXP Semiconductors MFRC522 Datasheet HTML 73Page - NXP Semiconductors MFRC522 Datasheet HTML 74Page - NXP Semiconductors MFRC522 Datasheet HTML 75Page - NXP Semiconductors MFRC522 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
72 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
14. Characteristics
Table 153. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics
Pins EA, I2C and NRSTPD
ILI
input leakage current
−1-
+1
μA
VIH
HIGH-level input voltage
0.7VDD(PVDD) --
V
VIL
LOW-level input voltage
-
-
0.3VDD(PVDD)
V
Pin MFIN
ILI
input leakage current
−1-
+1
μA
VIH
HIGH-level input voltage
0.7VDD(SVDD) --
V
VIL
LOW-level input voltage
-
-
0.3VDD(SVDD)
V
Pin SDA
ILI
input leakage current
−1-
+1
μA
VIH
HIGH-level input voltage
0.7VDD(PVDD) --
V
VIL
LOW-level input voltage
-
-
0.3VDD(PVDD)
V
Pin RX[1]
Vi
input voltage
−1-
VDDA +1
V
Ci
input capacitance
VDDA = 3 V; receiver active;
VRX(p-p) = 1V; 1.5V (DC)
offset
-10
-
pF
Ri
input resistance
VDDA = 3 V; receiver active;
VRX(p-p) =1V; 1.5V (DC)
offset
-
350
-
Ω
Input voltage range; see Figure 24
Vi(p-p)(min) minimum peak-to-peak input
voltage
Manchester encoded;
VDDA =3V
-
100
-
mV
Vi(p-p)(max) maximum peak-to-peak input
voltage
Manchester encoded;
VDDA =3V
-4
-
V
Input sensitivity; see Figure 24
Vmod
modulation voltage
minimum Manchester
encoded; VDDA =3V;
RxGain[2:0] = 111b (48 dB)
-5
-
mV
Pin OSCIN
ILI
input leakage current
−1-
+1
μA
VIH
HIGH-level input voltage
0.7VDDA
--
V
VIL
LOW-level input voltage
-
-
0.3VDDA
V
Ci
input capacitance
VDDA = 2.8 V; DC = 0.65 V;
AC = 1 V (p-p)
-2
-
pF
Input/output characteristics
pins D1, D2, D3, D4, D5, D6 and D7
ILI
input leakage current
−1-
+1
μA
VIH
HIGH-level input voltage
0.7VDD(PVDD) --
V
VIL
LOW-level input voltage
-
-
0.3VDD(PVDD)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com