Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 67Page - NXP Semiconductors MFRC522 Datasheet HTML 68Page - NXP Semiconductors MFRC522 Datasheet HTML 69Page - NXP Semiconductors MFRC522 Datasheet HTML 70Page - NXP Semiconductors MFRC522 Datasheet HTML 71Page - NXP Semiconductors MFRC522 Datasheet HTML 72Page - NXP Semiconductors MFRC522 Datasheet HTML 73Page - NXP Semiconductors MFRC522 Datasheet HTML 74Page - NXP Semiconductors MFRC522 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
71 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
11. Limiting values
12. Recommended operating conditions
[1]
Supply voltages below 3 V reduce the performance (the achievable operating distance).
[2]
VDDA, VDDD and VDD(TVDD) must always be the same voltage.
[3]
VDD(PVDD) must always be the same or lower voltage than VDDD.
13. Thermal characteristics
Table 150. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
−0.5
+4.0
V
VDDD
digital supply voltage
−0.5
+4.0
V
VDD(PVDD) PVDD supply voltage
−0.5
+4.0
V
VDD(TVDD) TVDD supply voltage
−0.5
+4.0
V
VDD(SVDD) SVDD supply voltage
−0.5
+4.0
V
VI
input voltage
all input pins except pins MFIN and
RX
VSS(PVSS) − 0.5 VDD(PVDD) + 0.5 V
pin MFIN
VSS(PVSS) − 0.5 VDD(SVDD) + 0.5 V
Ptot
total power dissipation
per package; and VDDD in shortcut
mode
-
200
mW
Tj
junction temperature
-
100
°C
VESD
electrostatic discharge voltage HBM; 1500
Ω, 100 pF;
JESD22-A114-B
-
2000
V
MM; 0.75
μH, 200 pF;
JESD22-A114-A
-
200
V
Table 151. Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.53.3
3.6V
VDDD
digital supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.53.3
3.6V
VDD(TVDD)
TVDD supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[1][2] 2.53.3
3.6V
VDD(PVDD)
PVDD supply voltage
VDD(PVDD) ≤ VDDA = VDDD = VDD(TVDD);
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
[3] 1.61.8
3.6V
VDD(SVDD)
SVDD supply voltage
VSSA =VSSD =VSS(PVSS) =VSS(TVSS) =0V
1.6
-
3.6
V
Tamb
ambient temperature
HVQFN32
−25
-
+85
°C
Table 152. Thermal characteristics
Symbol Parameter
Conditions
Package
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in still air with exposed pin soldered on a
4 layer JEDEC PCB
HVQFN32
40
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com