Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors MFRC522 Datasheet HTML 14Page - NXP Semiconductors MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
15 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.4 I2C-bus interface
An I2C-bus (Inter-IC) interface is supported to enable a low-cost, low pin count serial bus
interface to the host. The I2C-bus interface is implemented according to
NXP Semiconductors’ I2C-bus interface specification, rev. 2.1, January 2000. The
interface can only act in Slave mode. Therefore the MFRC522 does not implement clock
generation or access arbitration.
The MFRC522 can act either as a slave receiver or slave transmitter in Standard mode,
Fast mode and High-speed mode.
SDA is a bidirectional line connected to a positive supply voltage using a current source or
a pull-up resistor. Both SDA and SCL lines are set HIGH when data is not transmitted. The
MFRC522 has a 3-state output stage to perform the wired-AND function. Data on the
I2C-bus can be transferred at data rates of up to 100 kBd in Standard mode, up to
400 kBd in Fast mode or up to 3.4 Mbit/s in High-speed mode.
If the I2C-bus interface is selected, spike suppression is activated on lines SCL and SDA
as defined in the I2C-bus interface specification.
See Table 155 on page 76 for timing requirements.
Table 14.
Address byte 0 register; address MOSI
7 (MSB)
6
5
4
3
2
1
0 (LSB)
1 = read
0 = write
reserved
address
Fig 11. I2C-bus interface
001aak590
MFRC522
SDA
SCL
I2C
EA
ADR_[5:0]
PULL-UP
NETWORK
CONFIGURATION
WIRING
PULL-UP
NETWORK
MICROCONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com