Electronic Components Datasheet Search
  English  ▼

X  

EP80579 Datasheet(PDF) 14 Page - Intel Corporation

Part # EP80579
Description  Intel짰 EP80579 Integrated Processor Product Line
PDF  1916 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EP80579 Datasheet(HTML) 14 Page - Intel Corporation

Back Button EP80579 Datasheet HTML 10Page - Intel Corporation EP80579 Datasheet HTML 11Page - Intel Corporation EP80579 Datasheet HTML 12Page - Intel Corporation EP80579 Datasheet HTML 13Page - Intel Corporation EP80579 Datasheet HTML 14Page - Intel Corporation EP80579 Datasheet HTML 15Page - Intel Corporation EP80579 Datasheet HTML 16Page - Intel Corporation EP80579 Datasheet HTML 17Page - Intel Corporation EP80579 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 1916 page
background image
Contents
Intel® EP80579 Integrated Processor Product Line Datasheet
August 2009
14
Order Number: 320066-003US
16.4.1
Register Details ......................................................................................527
16.4.1.1
Offset 00h: VID - Vendor Identification Register .................................. 527
16.4.1.2
Offset 02h: DID - Device Identification Register .................................. 527
16.4.1.3
Offset 02h: DID - Device Identification Register .................................. 528
16.4.1.4
Offset 04h: PCICMD - PCI Command Register ..................................... 528
16.4.1.5
Offset 06h: PCISTS - PCI Status Register ........................................... 530
16.4.1.6
Offset 08h: RID - Revision Identification Register ................................ 531
16.4.1.7
Offset 0Ah: SUBC - Sub-Class Code Register....................................... 532
16.4.1.8
Offset 0Bh: BCC - Base Class Code Register........................................ 532
16.4.1.9
Offset 0Ch: CLS - Cache Line Size Register ......................................... 533
16.4.1.10 Offset 0Eh: HDR - Header Type Register............................................. 533
16.4.1.11 Offset 18h: PBUSN - Primary Bus Number Register .............................. 534
16.4.1.12 Offset 19h: SBUSN - Secondary Bus Number Register .......................... 534
16.4.1.13 Offset 1Ah: SUBUSN - Subordinate Bus Number Register...................... 535
16.4.1.14 Offset 1Ch: IOBASE - I/O Base Address Register .................................535
16.4.1.15 Offset 1Dh: IOLIMIT - I/O Limit Address Register ................................ 536
16.4.1.16 Offset 1Eh: SECSTS - Secondary Status Register.................................536
16.4.1.17 Offset 20h: MBASE - Memory Base Address Register............................ 538
16.4.1.18 Offset 22h: MLIMIT - Memory Limit Address Register ........................... 538
16.4.1.19 Offset 24h: PMBASE - Prefetchable Memory Base Address Register ........ 539
16.4.1.20 Offset 26h: PMLIMIT - Prefetchable Memory Limit Address Register ....... 540
16.4.1.21 Offset 28h: PMBASU - Prefetchable Memory Base
Upper Address Register.................................................................... 541
16.4.1.22 Offset 2Ch: PMLMTU - Prefetchable Memory Limit Upper
Address Register ............................................................................. 541
16.4.1.23 Offset 34h: CAPPTR - Capabilities Pointer Register ............................... 542
16.4.1.24 Offset 3Ch: INTRLINE - Interrupt Line Register.................................... 542
16.4.1.25 Offset 3Dh: INTRPIN - Interrupt Pin Register ...................................... 543
16.4.1.26 Offset 3Eh: BCTRL - Bridge Control Register ....................................... 543
16.4.1.27 Offset 44h: VSCMD0 - Vendor Specific Command Byte 0 Register ..........544
16.4.1.28 Offset 45h: VSCMD1 - Vendor Specific Command Byte 1 Register ..........546
16.4.1.29 Offset 46h: VSSTS0 - Vendor Specific Status Byte 0 Register ................ 547
16.4.1.30 Offset 47h: VSSTS1 - Vendor Specific Status Byte 1 Register ................ 547
16.4.1.31 Offset 48h: VSCMD2 - Vendor Specific Command Byte 2 Register ..........548
16.4.1.32 Offset 50h: PMCAPID - Power Management Capabilities
Structure Register ........................................................................... 548
16.4.1.33 Offset 51h: PMNPTR - Power Management Next Capabilities Pointer Register
549
16.4.1.34 Offset 52h: PMCAPA - Power Management Capabilities
Register ......................................................................................... 549
16.4.1.35 Offset 54h: PMCSR - Power Management Status and Control
Register ......................................................................................... 550
16.4.1.36 Offset 56h: PMCSRBSE - Power Management Status and Control Bridge
Extensions Register ......................................................................... 551
16.4.1.37 Offset 58h: MSICAPID - MSI Capabilities Structure Register .................. 551
16.4.1.38 Offset 59h: MSINPTR - MSI Next Capabilities Pointer Register ............... 552
16.4.1.39 Offset 5Ah: MSICAPA - MSI Capabilities Register .................................552
16.4.1.40 Offset 5Ch: MSIAR - MSI Address for PCI Express* Register.................. 553
16.4.1.41 Offset 60h: MSIDR - MSI Data Register .............................................. 554
16.4.1.42 Offset 64h: PEACAPID - PCI Express* Features Capabilities ID
Register ......................................................................................... 555
16.4.1.43 Offset 65h: PEANPTR - PCI Express* Next Capabilities Pointer
Register ......................................................................................... 556
16.4.1.44 Offset 66h: PEACAPA - PCI Express* Features Capabilities Register........ 556
16.4.1.45 Offset 68h: PEADEVCAP - PCI Express* Device Capabilities
Register ......................................................................................... 557
16.4.1.46 Offset 6Ch: PEADEVCTL - PCI Express* Device Control Register ............ 558
16.4.1.47 Offset 6Eh: PEADEVSTS - PCI Express* Device Status Register ............. 560
16.4.1.48 Offset 70h: PEALNKCAP - PCI Express* Link Capabilities Register ..........561
16.4.1.49 Offset 70h: PEA1LNKCAP - PCI Express* Link Capabilities Register......... 561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com