Electronic Components Datasheet Search
  English  ▼

X  

EP80579 Datasheet(PDF) 33 Page - Intel Corporation

Part # EP80579
Description  Intel짰 EP80579 Integrated Processor Product Line
PDF  1916 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EP80579 Datasheet(HTML) 33 Page - Intel Corporation

Back Button EP80579 Datasheet HTML 29Page - Intel Corporation EP80579 Datasheet HTML 30Page - Intel Corporation EP80579 Datasheet HTML 31Page - Intel Corporation EP80579 Datasheet HTML 32Page - Intel Corporation EP80579 Datasheet HTML 33Page - Intel Corporation EP80579 Datasheet HTML 34Page - Intel Corporation EP80579 Datasheet HTML 35Page - Intel Corporation EP80579 Datasheet HTML 36Page - Intel Corporation EP80579 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1916 page
background image
August 2009
Intel® EP80579 Integrated Processor Product Line Datasheet
Order Number: 320066-003US
33
Contents
33.5.1
UART Feature List .................................................................................1172
33.5.2
UART Operational Description .................................................................1173
33.5.2.1
Programmable Baud Rate Generator.................................................1174
33.5.3
UART Register Details ............................................................................1175
33.5.3.1
Offset 00h: RBR - Receive Buffer Register .........................................1176
33.5.3.2
Offset 00h: THR - Transmit Holding Register .....................................1176
33.5.3.3
Offset 01h: IER - Interrupt Enable Register .......................................1177
33.5.3.4
Offset 02h: IIR - Interrupt Identification Register ...............................1178
33.5.3.5
Offset 02h: FCR - FIFO Control Register............................................1180
33.5.3.6
Offset 03h: LCR - Line Control Register.............................................1182
33.5.3.7
Offset 04h: MCR - Modem Control Register........................................1184
33.5.3.8
Offset 05h: LSR - Line Status Register..............................................1185
33.5.3.9
Offset 06h: MSR - Modem Status Register.........................................1188
33.5.3.10 Offset 07h: SCR - Scratchpad Register .............................................1190
33.5.3.11 Offset 00h: DLL - Programmable Baud Rate Generator Divisor Latch Register
Low .............................................................................................1190
33.5.3.12 Offset 01h: DLH - Programmable Baud Rate Generator Divisor Latch Register
High.............................................................................................1190
33.5.4
FIFO Operation .....................................................................................1191
33.5.4.1
FIFO Interrupt Mode Operation ........................................................1191
33.5.4.2
FIFO Polled Mode Operation ............................................................1192
33.6 Logical Device 6: Watchdog Timer ....................................................................1192
33.6.1
Overview .............................................................................................1192
33.6.2
Watchdog Timer Register Details.............................................................1194
33.6.2.1
Offset 00h: PV1R0 - Preload Value 1 Register 0 .................................1194
33.6.2.2
Offset 01h: PV1R1 - Preload Value 1 Register 1 .................................1195
33.6.2.3
Offset 02h: PV1R2 - Preload Value 1 Register 2 .................................1195
33.6.2.4
Offset 04h: PV2R0 - Preload Value 2 Register 0 .................................1196
33.6.2.5
Offset 05h: PV2R1 - Preload Value 2 Register 1 .................................1196
33.6.2.6
Offset 06h: PV2R2 - Preload Value 2 Register 2 .................................1197
33.6.2.7
Offset 08h: GISR - General Interrupt Status Register..........................1197
33.6.2.8
Offset 0Ch: RR0 - Reload Register 0 .................................................1198
33.6.2.9
Offset 0Dh: RR1 - Reload Register 1.................................................1199
33.6.2.10 Offset 10h: WDTCR - WDT Configuration Register ..............................1199
33.6.2.11 Offset 18h: WDTLR - WDT Lock Register ...........................................1201
33.6.3
Theory Of Operation ..............................................................................1202
33.6.3.1
RTC Well and WDT_TOUT# Functionality...........................................1202
33.6.3.2
Register Unlocking Sequence...........................................................1202
33.6.3.3
Reload Sequence ...........................................................................1202
33.6.3.4
Low Power State............................................................................1202
33.7 Serial IRQ .....................................................................................................1203
33.7.1
Timing Diagrams For SIW_SERIRQ Cycle..................................................1203
33.7.1.1
SIW_SERIRQ Cycle Control .............................................................1203
33.7.1.2
SIW_SERIRQ Data Frame ...............................................................1204
33.7.1.3
Stop Cycle Control .........................................................................1205
33.7.1.4
Latency ........................................................................................1205
33.7.1.5
EOI/ISR Read Latency ....................................................................1205
33.7.1.6
Reset and Initialization ...................................................................1205
33.8 Configuration.................................................................................................1206
33.8.1
Configuration Port Address ....................................................................1206
33.8.2
Primary Configuration Address Decoder....................................................1206
33.8.2.1
Entering the Configuration State ......................................................1206
33.8.2.2
Exiting the Configuration State ........................................................1206
33.8.2.3
Configuration Sequence ..................................................................1206
33.8.2.4
Configuration Mode ........................................................................1206
33.8.3
SIW Configuration Register Summary ......................................................1207
33.8.3.1
Global Control/Configuration Registers [00h - 2Fh].............................1208
33.8.3.2
Logical Device Configuration Registers [30h — FFh]............................1209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com