Electronic Components Datasheet Search
  English  ▼

X  

EP80579 Datasheet(PDF) 18 Page - Intel Corporation

Part # EP80579
Description  Intel짰 EP80579 Integrated Processor Product Line
PDF  1916 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EP80579 Datasheet(HTML) 18 Page - Intel Corporation

Back Button EP80579 Datasheet HTML 14Page - Intel Corporation EP80579 Datasheet HTML 15Page - Intel Corporation EP80579 Datasheet HTML 16Page - Intel Corporation EP80579 Datasheet HTML 17Page - Intel Corporation EP80579 Datasheet HTML 18Page - Intel Corporation EP80579 Datasheet HTML 19Page - Intel Corporation EP80579 Datasheet HTML 20Page - Intel Corporation EP80579 Datasheet HTML 21Page - Intel Corporation EP80579 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 1916 page
background image
Contents
Intel® EP80579 Integrated Processor Product Line Datasheet
August 2009
18
Order Number: 320066-003US
16.6.1.43 Offset D8h: DAR3 - Channel 3 Destination Address Register.................. 675
16.6.1.44 Offset DCh: DUAR3 - Channel 3 Destination Upper Address
Register ......................................................................................... 675
16.6.1.45 Offset E0h: NDAR3 - Channel 3 Next Descriptor Address Register ..........675
16.6.1.46 Offset E4h: NDUAR3 - Channel 3 Next Descriptor Upper
Address Register ............................................................................. 676
16.6.1.47 Offset E8h: TCR3 - Channel 3 Transfer Count Register .........................676
16.6.1.48 Offset ECh: DCR3 - Channel 3 Descriptor Control Register .................... 677
16.6.1.49 Offset 100h: DCGC - EDMA Controller Global Command ....................... 677
16.6.1.50 Offset 104h: DCGS - EDMA Controller Global Status.............................678
16.7 Memory Mapped I/O for NSI Registers ................................................................ 679
16.7.1
Register Details ......................................................................................680
16.7.1.1
Offset 00h: NSIVCECH - NSI Virtual Channel Enhanced Capability Header
Register ......................................................................................... 680
16.7.1.2
Offset 04h: NSIPVCCAP1 - NSI Port VC Capability Register 1................. 680
16.7.1.3
Offset 08h: NSIPVCCAP2 - Port VC Capability Register 2....................... 681
16.7.1.4
Offset 0Ch: NSIPVCCTL - NSI Port VC Control Register .........................682
16.7.1.5
Offset 10h: NSIVC0RCAP - NSI VC0 Resource Capability Register ..........682
16.7.1.6
Offset 14h: NSIVC0RCTL - NSI VC0 Resource Control Register .............. 683
16.7.1.7
Offset 1Ah: NSIVC0RSTS - NSI VC0 Resource Status Register ............... 684
16.7.1.8
Offset 80h: NSIRCILCECH - NSI Root Complex Internal Link Control Enhanced
Capability Header Register................................................................ 684
16.7.1.9
Offset 84h: NSILCAP - NSI Link Capabilities Register............................ 685
Integrated I/O Controller Hub, Volume 3 of 6 ............................. 687
17.0 Bridging and Configuration .................................................................................... 689
17.1 Root Complex Memory-Mapped Configuration Register Details ............................... 689
17.1.1
VC Configuration Registers.......................................................................691
17.1.1.1
Offset 0000h: VCH - Virtual Channel Capability Header Register ............ 691
17.1.1.2
Offset 0004h: VCAP1 - Virtual Channel Capability 1 Register ................. 691
17.1.1.3
Offset 0008h: VCAP2 - Virtual Channel Capability 2 Register ................. 692
17.1.1.4
Offset 000Ch: PVC - Port Virtual Channel Control Register .................... 692
17.1.1.5
Offset 000Eh: PVS - Port Virtual Channel Status Register...................... 693
17.1.1.6
Offset 0010h: V0CAP - Virtual Channel 0 Resource Capability
Register ......................................................................................... 693
17.1.1.7
Offset 0014h: V0CTL - Virtual Channel 0 Resource Control Register ....... 694
17.1.1.8
Offset 001Ah: V0STS - Virtual Channel 0 Resource Status Register ........ 695
17.1.2
Root Complex Topology Capability Structure Registers.................................696
17.1.2.1
Offset 0100h: RCTCL- - Root Complex Topology Capabilities List Register ....
696
17.1.2.2
Offset 0104h: ES - Element Self Description Register ........................... 696
17.1.2.3
Offset 0110h: ULD - Upstream Link Description Register....................... 697
17.1.2.4
Offset 0118h: ULBA - Upstream Link Base Address Register.................. 697
17.1.3
Internal Link Configuration Registers......................................................... 698
17.1.3.1
Offset 01A0h: ILCL - Internal Link Capabilities List Register .................. 698
17.1.3.2
Offset 01A4h: LCAP - Link Capabilities Register ................................... 698
17.1.3.3
Offset 01A8h: LCTL - Link Control Register ......................................... 699
17.1.3.4
Offset 01AAh: LSTS - Link Status Register .......................................... 700
17.1.4
TCO Configuration ..................................................................................700
17.1.4.1
Offset 3000h: TCTL - TCO Control Register ......................................... 700
17.1.5
Interrupt Configuration Registers.............................................................. 701
17.1.5.1
Offset 3100h: D31IP - Device 31 Interrupt Pin Register ........................ 701
17.1.5.2
Offset 3108h: D29IP - Device 29 Interrupt Pin Register ........................ 702
17.1.5.3
Offset 3140h: D31IR - Device 31 Interrupt Route Register.................... 702
17.1.5.4
Offset 3144h: D29IR - Device 29 Interrupt Route Register.................... 703
17.1.5.5
Offset 31FFh: OIC - Other Interrupt Control Register ........................... 704
17.1.6
General Configuration Registers................................................................ 704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com