Electronic Components Datasheet Search
  English  ▼

X  

EP80579 Datasheet(PDF) 46 Page - Intel Corporation

Part # EP80579
Description  Intel짰 EP80579 Integrated Processor Product Line
PDF  1916 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EP80579 Datasheet(HTML) 46 Page - Intel Corporation

Back Button EP80579 Datasheet HTML 42Page - Intel Corporation EP80579 Datasheet HTML 43Page - Intel Corporation EP80579 Datasheet HTML 44Page - Intel Corporation EP80579 Datasheet HTML 45Page - Intel Corporation EP80579 Datasheet HTML 46Page - Intel Corporation EP80579 Datasheet HTML 47Page - Intel Corporation EP80579 Datasheet HTML 48Page - Intel Corporation EP80579 Datasheet HTML 49Page - Intel Corporation EP80579 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1916 page
background image
Contents
Intel® EP80579 Integrated Processor Product Line Datasheet
August 2009
46
Order Number: 320066-003US
41.5.4
IEEE1588 over CAN .............................................................................. 1634
41.5.5
Auxiliary Snapshots .............................................................................. 1635
41.5.6
Target Time Expiration .......................................................................... 1636
41.5.7
System Time........................................................................................ 1636
41.5.8
Interrupts............................................................................................ 1637
41.5.9
Reset ................................................................................................. 1637
41.6 Register Summary ......................................................................................... 1637
41.6.1
Detailed Register Descriptions ................................................................ 1639
41.6.1.1
Offset 0000h: TS_Control - Time Sync Control Register ...................... 1639
41.6.1.2
Offset 0004h: TS_Event - Time Sync Event Register .......................... 1641
41.6.1.3
Offset 0008h: TS_Addend - Addend Register..................................... 1643
41.6.1.4
Offset 000Ch: TS_Accum - Accumulator Register............................... 1643
41.6.1.5
Offset 0010h: TS_Test - Time Sync Test Register .............................. 1644
41.6.1.6
Offset 0014h: TS_PPS - PPS Compare Register.................................. 1646
41.6.1.7
Offset 0018h: TS_TSysTimeLo - Raw System Time Low Register ......... 1647
41.6.1.8
Offset 001Ch: TS_RSysTimeHI - Raw System Time High Register ........ 1648
41.6.1.9
Offset 0020h: TS_SysTimeLo - System Time Low Register .................. 1649
41.6.1.10 Offset 0024h: TS_SysTimeHi - System Time High Register.................. 1650
41.6.1.11 Offset 0028h: TS_TrgtLo - Target Time Low Register ......................... 1650
41.6.1.12 Offset 002Ch: TS_TrgtHi - Target Time High Register......................... 1651
41.6.1.13 Offset 0030h: TS_ASMLo - Auxiliary Slave Mode Snapshot
Low Register................................................................................. 1652
41.6.1.14 Offset 0034h: TS_ASMHi - Auxiliary Slave Mode Snapshot
High Register............................................................................... 1653
41.6.1.15 Offset 0038h: TS_AMMSLo - Auxiliary Master Mode Snapshot
Low Register................................................................................. 1654
41.6.1.16 Offset 003Ch: TS_AMMSHi - Auxiliary Master Mode Snapshot High Register .
1655
41.6.1.17 Offset 0040h: TS_Ch_Control[0-7] - Time Synchronization Channel Control
Register (Per Ethernet Channel) ...................................................... 1656
41.6.1.18 Offset 0044h: TS_CH_EVENT[0-7] - Time Synchronization Channel Event
Register (Per Ethernet Channel) ...................................................... 1658
41.6.1.19 Offset 0048h: TS_TxSnapLo[0-7] - Transmit Snapshot Low Register (Per
Ethernet Channel) ......................................................................... 1659
41.6.1.20 Offset 004Ch: TS_TxSnapHi[0-7] - Transmit Snapshot High Register (Per
Ethernet Channel) ......................................................................... 1660
41.6.1.21 Offset 0050h: TS_RxSnapLo[0-7] - Receive Snapshot Low Register (Per
Ethernet Channel) ......................................................................... 1661
41.6.1.22 Offset 0054h: TS_RxSnapHi[0-7] - Receive Snapshot High Register (Per
Ethernet Channel) ......................................................................... 1662
41.6.1.23 Offset 0058h: TS_SrcUUIDLo[0-7] - Source UUID0 Low Register (Per
Ethernet Channel) ......................................................................... 1663
41.6.1.24 Offset 005Ch: TS_SrcUUIDHI[0-7] - SequenceID/SourceUUID High Register
(Per Ethernet Channel) .................................................................. 1664
41.6.1.25 Offset 0140h: TS_CANx_Status[0-1] - Time Synchronization Channel Event
Register (Per CAN Channel) ............................................................ 1665
41.6.1.26 Offset 0144h: TS_CANSnapLo[0-1] - Transmit Snapshot Low Register (Per
CAN Channel) ............................................................................... 1666
41.6.1.27 Offset 0148h: TS_CANSnapHi[0-1] - Transmit Snapshot High Register (Per
CAN Channel) ............................................................................... 1667
41.6.1.28 Offset 01F0h: TS_Aux_TrgtLo - Auxiliary Target Time Low
Register ....................................................................................... 1668
41.6.1.29 Offset 01F4h: TS_Aux_TrgtHi -Auxiliary Target Time High
Register ....................................................................................... 1668
41.6.1.30 Offset 0200h: L2_EtherType - L2 EtherType Register ......................... 1669
41.6.1.31 Offset 0204h: UD_EtherType - User Defined EtherType Register .......... 1669
41.6.1.32 Offset 0208h: UD_Header_Offset - User Defined Header Offset
Register ....................................................................................... 1670
41.6.1.33 Offset 020Ch: UD_Header - User Defined Header Register .................. 1670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com