Electronic Components Datasheet Search
  English  ▼

X  

EP80579 Datasheet(PDF) 45 Page - Intel Corporation

Part # EP80579
Description  Intel짰 EP80579 Integrated Processor Product Line
PDF  1916 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EP80579 Datasheet(HTML) 45 Page - Intel Corporation

Back Button EP80579 Datasheet HTML 41Page - Intel Corporation EP80579 Datasheet HTML 42Page - Intel Corporation EP80579 Datasheet HTML 43Page - Intel Corporation EP80579 Datasheet HTML 44Page - Intel Corporation EP80579 Datasheet HTML 45Page - Intel Corporation EP80579 Datasheet HTML 46Page - Intel Corporation EP80579 Datasheet HTML 47Page - Intel Corporation EP80579 Datasheet HTML 48Page - Intel Corporation EP80579 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1916 page
background image
August 2009
Intel® EP80579 Integrated Processor Product Line Datasheet
Order Number: 320066-003US
45
Contents
40.4.1.3
Frame Format (FRF).......................................................................1609
40.4.1.4
External Clock Select (ECS).............................................................1609
40.4.1.5
Synchronous Serial Port Enable (SSE) ..............................................1609
40.4.1.6
Serial Clock Rate (SCR) ..................................................................1609
40.4.2
SSP Control Register 1...........................................................................1610
40.4.2.1
Offset 04h: SSCR1 - SSP Control Register 1 Details............................1610
40.4.2.2
Receive FIFO Interrupt Enable (RIE).................................................1611
40.4.2.3
Transmit FIFO Interrupt Enable (TIE) ...............................................1611
40.4.2.4
Loop Back Mode (LBM) ...................................................................1611
40.4.2.5
Serial Clock Polarity (SPO) ..............................................................1612
40.4.2.6
Serial Clock Phase (SPH) ................................................................1612
40.4.2.7
National Microwire* Data Size (MWDS) .............................................1613
40.4.2.8
Transmit FIFO Interrupt Threshold (TFT)...........................................1613
40.4.2.9
Receive FIFO Interrupt Threshold (RFT) ............................................1613
40.4.2.10 Enable FIFO Write/Read Function (EFWR)..........................................1613
40.4.2.11 Select FIFO for Enable FIFO Write/Read (STRF)..................................1614
40.4.3
SSP Status Register...............................................................................1614
40.4.3.1
Offset 08h: SSSR - SSP Status Register Details .................................1614
40.4.3.2
Transmit FIFO Not Full Flag (TNF) (Read-Only,
Non-Interruptible)..........................................................................1615
40.4.3.3
Receive FIFO Not Empty Flag (RNE)
(Read-Only, Non-Interruptible) ........................................................1615
40.4.3.4
SSP Busy Flag (BSY) (Read-Only, Non-Interruptible) ..........................1615
40.4.3.5
Transmit FIFO Service Request Flag (TFS) (Read-Only,
Maskable Interrupt) .......................................................................1616
40.4.3.6
Receive FIFO Service Request Flag (RFS) (Read-Only,
Maskable Interrupt) .......................................................................1616
40.4.3.7
Receiver Overrun Status (ROR) (Read/Write,
Non-Maskable Interrupt).................................................................1616
40.4.3.8
Transmit FIFO Level .......................................................................1616
40.4.3.9
Receive FIFO Level.........................................................................1616
40.4.4
SSP Interrupt Test Register ....................................................................1616
40.4.4.1
Offset 0Ch: SSITR - SSP Interrupt Test Register Details ......................1616
40.4.5
SSP Data Register .................................................................................1617
40.4.5.1
Offset 10h: SSDR - SSP Data Register Details....................................1617
41.0 IEEE 1588 Time Synchronization Hardware Assist ................................................1619
41.1 Overview ......................................................................................................1619
41.2 Feature List ...................................................................................................1619
41.2.1
Signal Descriptions................................................................................1620
41.3 Functional Block Diagram ................................................................................1620
41.4 Usage Model ..................................................................................................1622
41.4.1
Channel Mapping ..................................................................................1622
41.5 Functional Description.....................................................................................1622
41.5.1
IEEE 1588 Overview ..............................................................................1622
41.5.1.1
Initialization ..................................................................................1623
41.5.1.2
Time Synchronization .....................................................................1623
41.5.1.3
PTP Message Formats.....................................................................1628
41.5.2
Time Stamping Operation.......................................................................1629
41.5.2.1
Sync Messages ..............................................................................1630
41.5.2.2
Follow-up Messages .......................................................................1630
41.5.2.3
Delay_Req Message .......................................................................1630
41.5.2.4
Delay_Response Messages ..............................................................1631
41.5.2.5
Error Handling...............................................................................1631
41.5.3
IEEE1588 over Ethernet .........................................................................1631
41.5.3.1
Timestamping Mechanism ...............................................................1631
41.5.3.2
PTP Message Detection in Ethernet Frames........................................1632
41.5.3.3
Modes of Operation ........................................................................1633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com