Electronic Components Datasheet Search
  English  ▼

X  

EP80579 Datasheet(PDF) 32 Page - Intel Corporation

Part # EP80579
Description  Intel짰 EP80579 Integrated Processor Product Line
PDF  1916 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EP80579 Datasheet(HTML) 32 Page - Intel Corporation

Back Button EP80579 Datasheet HTML 28Page - Intel Corporation EP80579 Datasheet HTML 29Page - Intel Corporation EP80579 Datasheet HTML 30Page - Intel Corporation EP80579 Datasheet HTML 31Page - Intel Corporation EP80579 Datasheet HTML 32Page - Intel Corporation EP80579 Datasheet HTML 33Page - Intel Corporation EP80579 Datasheet HTML 34Page - Intel Corporation EP80579 Datasheet HTML 35Page - Intel Corporation EP80579 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1916 page
background image
Contents
Intel® EP80579 Integrated Processor Product Line Datasheet
August 2009
32
Order Number: 320066-003US
30.5.6
Special Notes on IRQ14 and IRQ15 ......................................................... 1144
30.5.7
Data Frame Format............................................................................... 1144
31.0 8254 Timers......................................................................................................... 1145
31.1 Overview ...................................................................................................... 1145
31.2 8254 Timer I/O-Mapped Register Details........................................................... 1145
31.2.1
Timer Registers .................................................................................... 1146
31.2.1.1
Offset 43h: TCW - Timer Control Word Register................................. 1146
31.2.1.2
Offset 40h: TSB[0-2] - Interval Timer Status Byte Format
Register ....................................................................................... 1146
31.2.1.3
Offset 40h: TCAP[0-2] - Interval Timer Counter Access Ports
Register ....................................................................................... 1148
31.3 Counters ...................................................................................................... 1148
31.3.1
Counter 0, System Timer....................................................................... 1148
31.3.2
Counter 1, Refresh Request Signal .......................................................... 1148
31.3.3
Counter 2, Speaker Tone ....................................................................... 1148
31.3.4
Counter Operating Modes ...................................................................... 1149
31.4 Timer Programming ....................................................................................... 1149
31.5 Reading from the Interval Timer ...................................................................... 1150
31.5.1
Simple Read ........................................................................................ 1150
31.5.2
Counter Latch Command ....................................................................... 1150
31.5.3
Read Back Command ............................................................................ 1151
32.0 High Precision Event Timers................................................................................. 1153
32.1 Overview ...................................................................................................... 1153
32.2 Register Details ............................................................................................. 1153
32.2.1
Register Descriptions ............................................................................ 1155
32.2.1.1
Offset 000h: GCAP_ID - General Capabilities and ID Register .............. 1155
32.2.1.2
Offset 010h: GEN_CONF - General Configuration Register................... 1156
32.2.1.3
Offset 020h: GINTR_STA - General Interrupt Status Register .............. 1157
32.2.1.4
Offset 0F0h: MAIN_CNT - Main Counter Value Register....................... 1158
32.2.1.5
Offset 100h: HPTCC[0-2] - Timer n Configuration and
Capabilities Register ...................................................................... 1159
32.2.1.6
Offset 108h: HPTCV[0-2] - Timer n Comparator Value Register ........... 1161
32.3 Theory Of Operation....................................................................................... 1164
32.3.1
Timer Accuracy Rules ............................................................................ 1164
32.3.2
Interrupt Mapping................................................................................. 1164
32.3.3
Periodic vs. Non-Periodic Modes.............................................................. 1165
32.3.3.1
Non-Periodic Mode ........................................................................ 1165
32.3.3.2
Periodic Mode ............................................................................... 1165
32.3.4
Enabling the Timers ............................................................................. 1166
32.3.5
Interrupt Levels.................................................................................... 1166
32.3.6
Handling Interrupts............................................................................... 1166
32.3.7
Unloading Device Driver Issues .............................................................. 1167
33.0 Serial I/O Unit and Watchdog Timer .................................................................... 1169
33.1 Overview ...................................................................................................... 1169
33.2 Features ....................................................................................................... 1169
33.3 Functional Description .................................................................................... 1170
33.3.1
Host Processor Interface (LPC) ............................................................... 1170
33.4 LPC Interface ................................................................................................ 1170
33.4.1
LPC Cycles........................................................................................... 1170
33.4.1.1
I/O Read and Write Cycles.............................................................. 1171
33.4.2
Policy.................................................................................................. 1171
33.4.3
LPC Transfers....................................................................................... 1171
33.4.3.1
I/O Transfers................................................................................ 1171
33.5 Logical Devices 4 and 5: Serial Ports (UART1 and UART2) ................................... 1171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com