Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 12Page - NXP Semiconductors P89V52X2FN Datasheet HTML 13Page - NXP Semiconductors P89V52X2FN Datasheet HTML 14Page - NXP Semiconductors P89V52X2FN Datasheet HTML 15Page - NXP Semiconductors P89V52X2FN Datasheet HTML 16Page - NXP Semiconductors P89V52X2FN Datasheet HTML 17Page - NXP Semiconductors P89V52X2FN Datasheet HTML 18Page - NXP Semiconductors P89V52X2FN Datasheet HTML 19Page - NXP Semiconductors P89V52X2FN Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
16 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
Table 11.
TMOD - Timer/Counter mode control register (address 89H) bit description
Bit
Symbol
Description
7
T1GATE
Gating control for Timer 1. When set, Timer/Counter is enabled only
while the INT1 pin is HIGH and the TR1 control pin is set. When
cleared, Timer 1 is enabled when the TR1 control bit is set.
6
T1C/T
Timer or Counter select for Timer 1. Cleared for Timer operation (input
from CCLK). Set for Counter operation (input from T1 input pin).
5
T1M1
Mode select for Timer 1.
4
T1M0
3
T0GATE
Gating control for Timer 0. When set, Timer/Counter is enabled only
while the INT0 pin is HIGH and the TR0 control pin is set. When
cleared, Timer 0 is enabled when the TR0 control bit is set.
2
T0C/T
Timer or Counter select for Timer 0. Cleared for Timer operation (input
from CCLK). Set for Counter operation (input from T0 input pin).
1
T0M1
Mode Select for Timer 0.
0
T0M0
Table 12.
TMOD - Timer/Counter mode control register (address 89H) M1/M0 operating
mode
M1
M0
Operating mode
0
0
0
8048 timer ‘TLx’ serves as 5-bit prescaler
0
1
1
16-bit Timer/Counter ‘THx’ and ‘TLx' are cascaded;
there is no prescaler.
1
0
2
8-bit auto-reload Timer/Counter ‘THx’ holds a value
which is to be reloaded into ‘TLx’ each time it
overflows.
1
1
3
(Timer 0) TL0 is an 8-bit Timer/Counter controlled
by the standard Timer 0 control bits. TH0 is an 8-bit
timer only controlled by Timer 1 control bits.
1
1
3
(Timer 1) Timer/Counter 1 stopped.
Table 13.
TCON - Timer/Counter control register (address 88H) bit allocation
Bit addressable; Reset value: 0000 0000B; Reset source(s): any reset
Bit
7
6
5
4
3
2
1
0
Symbol
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Table 14.
TCON - Timer/Counter control register (address 88H) bit description
Bit
Symbol
Description
7
TF1
Timer 1 overflow flag. Set by hardware on Timer/Counter overflow.
Cleared by hardware when the processor vectors to Timer 1 Interrupt
routine, or by software.
6
TR1
Timer 1 Run control bit. Set/cleared by software to turn Timer/Counter
1 on/off.
5
TF0
Timer 0 overflow flag. Set by hardware on Timer/Counter overflow.
Cleared by hardware when the processor vectors to Timer 0 Interrupt
routine, or by software.
4
TR0
Timer 0 Run control bit. Set/cleared by software to turn Timer/Counter
0 on/off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com