Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 5 Page - NXP Semiconductors

  P89V52X2FN Datasheet HTML 1Page - NXP Semiconductors P89V52X2FN Datasheet HTML 2Page - NXP Semiconductors P89V52X2FN Datasheet HTML 3Page - NXP Semiconductors P89V52X2FN Datasheet HTML 4Page - NXP Semiconductors P89V52X2FN Datasheet HTML 5Page - NXP Semiconductors P89V52X2FN Datasheet HTML 6Page - NXP Semiconductors P89V52X2FN Datasheet HTML 7Page - NXP Semiconductors P89V52X2FN Datasheet HTML 8Page - NXP Semiconductors P89V52X2FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
5 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
5.2 Pin description
Table 2.
Pin description
Symbol
Pin
Type
Description
DIP40
LQFP44
PLCC44
P0[0] to P0[7]
I/O
Port 0: Port 0 is an 8-bit open-drain bidirectional I/O port.
Port 0 pins that have ‘1’s written to them float, and in this
state can be used as high-impedance inputs. Port 0 is also
the multiplexed low-order address and data bus during
accesses to external code and data memory. In this
application, it uses strong internal pull-ups when
transitioning to ‘1’s. External pull-ups are required as a
general purpose I/O port.
P0[0]/AD0
39
37
43
I/O
P0[0] — Port 0 bit 0.
I/O
AD0 — Address/data bit 0.
P0[1]/AD1
38
36
42
I/O
P0[1] — Port 0 bit 1.
I/O
AD1 — Address/data bit 1.
P0[2]/AD2
37
35
41
I/O
P0[2] — Port 0 bit 2.
I/O
AD2 — Address/data bit 2.
P0[3]/AD3
36
34
40
I/O
P0[3] — Port 0 bit 3.
I/O
AD3 — Address/data bit 3.
P0[4]/AD4
35
33
39
I/O
P0[4] — Port 0 bit 4.
I/O
AD4 — Address/data bit 4.
P0[5]/AD5
34
32
38
I/O
P0[5] — Port 0 bit 5.
I/O
AD5 — Address/data bit 5.
P0[6]/AD6
33
31
37
I/O
P0[6] — Port 0 bit 6.
I/O
AD6 — Address/data bit 6.
P0[7]/AD7
32
30
36
I/O
P0[7] — Port 0 bit 7.
I/O
AD7 — Address/data bit 7.
P1[0] to P1[7]
I/O with
internal
pull-up
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal
pull-ups. The Port 1 pins are pulled HIGH by the internal
pull-ups when ‘1’s are written to them and can be used as
inputs in this state. As inputs, Port 1 pins that are
externally pulled LOW will source current (IIL) because of
the internal pull-ups. P1[5], P1[6], P1[7] have high current
drive of 16 mA.
P1[0]/T2
1
40
2
I/O
P1[0] — Port 1 bit 0.
I
T2 — External count input to Timer/Counter 2 or Clock-out
from Timer/Counter 2
P1[1]/T2EX
2
41
3
I/O
P1[1] — Port 1 bit 1.
I
T2EX: Timer/Counter 2 capture/reload trigger and
direction control
P1[2]
3
42
4
I/O
P1[2] — Port 1 bit 2.
P1[3]
4
43
5
I/O
P1[3] — Port 1 bit 3.
P1[4]
5
44
6
I/O
P1[4] — Port 1 bit 4.
P1[5]
6
1
7
I/O
P1[5] — Port 1 bit 5.
P1[6]
7
2
8
I/O
P1[6] — Port 1 bit 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com