Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 15 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 11Page - NXP Semiconductors P89V52X2FN Datasheet HTML 12Page - NXP Semiconductors P89V52X2FN Datasheet HTML 13Page - NXP Semiconductors P89V52X2FN Datasheet HTML 14Page - NXP Semiconductors P89V52X2FN Datasheet HTML 15Page - NXP Semiconductors P89V52X2FN Datasheet HTML 16Page - NXP Semiconductors P89V52X2FN Datasheet HTML 17Page - NXP Semiconductors P89V52X2FN Datasheet HTML 18Page - NXP Semiconductors P89V52X2FN Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
15 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.7 Flash memory
6.7.1 Flash organization
The P89V52X2 program memory consists of an 8 kB block of user code. The flash can be
read or written in bytes but may only be erased as an entire block. A chip erase function
will erase the entire user code memory and its associated security bits. This flash memory
can be erased or programmed using a programmer tool that supports ICP.
6.7.2 Features
• Flash internal program memory.
• Programming and erase over the full operating voltage range.
• Programming with industry-standard commercial programmers.
• 10000 typical erase/program cycles for each byte.
• 100 year minimum data retention.
6.8 Timers/counters 0 and 1
The two 16-bit Timer/Counter registers: Timer 0 and Timer 1 can be configured to operate
either as timers or event counters (see Table 10 and Table 11).
In the ‘Timer’ function, the register is incremented every machine cycle. Thus, one can
think of it as counting machine cycles. Since a machine cycle consists of six oscillator
periods, the count rate is 1
⁄
6 of the oscillator frequency.
In the ‘Counter’ function, the register is incremented in response to a 1-to-0 transition at its
corresponding external input pin, T0 or T1. In this function, the external input is sampled
once every machine cycle.
When the samples show a high in one cycle and a low in the next cycle, the count is
incremented. The new count value appears in the register in the machine cycle following
the one in which the transition was detected. Since it takes two machine cycles (12
oscillator periods) for 1-to-0 transition to be recognized, the maximum count rate is 1
⁄
12 of
the oscillator frequency. There are no restrictions on the duty cycle of the external input
signal, but to ensure that a given level is sampled at least once before it changes, it should
be held for at least one full machine cycle. In addition to the ‘Timer’ or ‘Counter’ selection,
Timer 0 and Timer 1 have four operating modes from which to select.
The ‘Timer’ or ‘Counter’ function is selected by control bits C/T in the Special Function
Register TMOD. These two Timer/Counters have four operating modes, which are
selected by bit-pairs (M1, M0) in TMOD. Modes 0, 1, and 2 are the same for both
Timers/Counters. Mode 3 is different. The four operating modes are described in the
following text.
Table 10.
TMOD - Timer/Counter mode control register (address 89H) bit allocation
Not bit addressable; Reset value: 0000 0000B; Reset source(s): any source
Bit
7
6
5
4
3
2
1
0
Symbol
T1GATE
T1C/T
T1M1
T1M0
T0GATE
T0C/T
T0M1
T0M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com