Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 10Page - NXP Semiconductors P89V52X2FN Datasheet HTML 11Page - NXP Semiconductors P89V52X2FN Datasheet HTML 12Page - NXP Semiconductors P89V52X2FN Datasheet HTML 13Page - NXP Semiconductors P89V52X2FN Datasheet HTML 14Page - NXP Semiconductors P89V52X2FN Datasheet HTML 15Page - NXP Semiconductors P89V52X2FN Datasheet HTML 16Page - NXP Semiconductors P89V52X2FN Datasheet HTML 17Page - NXP Semiconductors P89V52X2FN Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
14 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.6 Reset
At initial power-up, the port pins will be in a random state until the oscillator has started
and the internal reset algorithm has weakly pulled all pins HIGH. Powering up the device
without a valid reset could cause the device to start executing instructions from an
indeterminate location. Such undefined states may inadvertently corrupt the code in the
flash. A system reset will not affect the on-chip RAM while the device is running, however,
the contents of the on-chip RAM during power-up are indeterminate.
When power is applied to the device, the RST pin must be held HIGH long enough for the
oscillator to start-up (usually several milliseconds for a low frequency crystal), in addition
to two machine cycles for a valid power-on reset. An example of a method to extend the
RST signal is to implement a RC circuit by connecting the RST pin to VDD through a 10 µF
capacitor and to VSS through an 8.2 kΩ resistor as shown in Figure 9.
During initial power the POF flag in the PCON register is set to indicate an initial power-up
condition. The POF flag will remain active until cleared by software.
Following a reset condition, under normal conditions, the device will start executing code
from address 0000H in the user’s code memory. However if the requirements are met for
ICP entry, the device will enter ICP mode.
Table 9.
AUXR1 - Auxiliary register 1 (address A2H) bit description
Bit
Symbol
Description
7 to 4
-
Reserved for future use. Should be set to ‘0’ by user programs.
3
GF2
General purpose user-defined flag.
2
0
This bit contains a hard-wired ‘0’. Allows toggling of the DPS bit by
incrementing AUXR1, without interfering with other bits in the register.
1
-
Reserved for future use. Should be set to ‘0’ by user programs.
0
DPS
Data pointer select. Chooses one of two Data Pointers for use by the
program. See text for details.
Fig 9.
Power-on reset circuit
002aaa543
VDD
VDD
8.2 k
Ω
RST
XTAL2
XTAL1
C1
C2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com