Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 1 Page - NXP Semiconductors

  P89V52X2FN Datasheet HTML 1Page - NXP Semiconductors P89V52X2FN Datasheet HTML 2Page - NXP Semiconductors P89V52X2FN Datasheet HTML 3Page - NXP Semiconductors P89V52X2FN Datasheet HTML 4Page - NXP Semiconductors P89V52X2FN Datasheet HTML 5Page - NXP Semiconductors P89V52X2FN Datasheet HTML 6Page - NXP Semiconductors P89V52X2FN Datasheet HTML 7Page - NXP Semiconductors P89V52X2FN Datasheet HTML 8Page - NXP Semiconductors P89V52X2FN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1.
General description
The P89V52X2 is an 80C51 microcontroller with 8 kB flash, 256 B of data RAM, and
192 B of data EEPROM. This device is designed to be a drop in and software compatible
replacement for the P87C52, P87C52X2, P89C52, and P89C52X2 devices.
2.
Features
2.1 Principal features
I 0 MHz to 40 MHz operating frequency in 12× mode, 20 MHz in 6× mode
I 8 kB of on-chip flash user code memory
I 256 B of RAM
I Enhanced UART
I Three 16-bit timers/counters
I Four 8-bit I/O ports
I Supports 12-clock (default) or 6-clock mode selection via software or In-Circuit
Programming (ICP)
I DIP40, PLCC44, and LQFP44 packages
I Six interrupt sources with four priority levels
I Second DPTR register
2.2 Additional features
I Very low power
I Low EMI mode (ALE inhibit)
I Power-down mode with external interrupt wake-up
I Idle mode
I Extended temperature range
I Three security bits
I Programmable clock-out pin
P89V52X2
8-bit 80C51 low power 8 kB flash microcontroller with 256 B
RAM, 192 B data EEPROM
Rev. 03 — 4 May 2009
Product data sheet


Similar Part No. - P89V52X2FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89V52X2FN PHILIPS-P89V52X2FN Datasheet
1Mb / 56P
8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Rev. 01-7 June 2007
More results

Similar Description - P89V52X2FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC932 PHILIPS-P89LPC932 Datasheet
877Kb / 51P
80C51 8-bit microcontroller with two-clock core 8 KB 3 V low-power Flash with 512-byte data EEPROM
Rev. 04-06 January 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LPC920 PHILIPS-P89LPC920 Datasheet
877Kb / 45P
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06-21 November 2003
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V52X2 PHILIPS-P89V52X2 Datasheet
1Mb / 56P
8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
Rev. 01-7 June 2007
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com