Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 17Page - NXP Semiconductors P89V52X2FN Datasheet HTML 18Page - NXP Semiconductors P89V52X2FN Datasheet HTML 19Page - NXP Semiconductors P89V52X2FN Datasheet HTML 20Page - NXP Semiconductors P89V52X2FN Datasheet HTML 21Page - NXP Semiconductors P89V52X2FN Datasheet HTML 22Page - NXP Semiconductors P89V52X2FN Datasheet HTML 23Page - NXP Semiconductors P89V52X2FN Datasheet HTML 24Page - NXP Semiconductors P89V52X2FN Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
21 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
This bit can be used to generate an interrupt (by enabling the Timer 2 interrupt bit in the
IEN0 register). If EXEN2 = 1, Timer 2 operates as described above, but with the added
feature that a 1- to -0 transition at external input T2EX causes the current value in the
Timer 2 registers, TL2 and TH2, to be captured into registers RCAP2L and RCAP2H,
respectively.
In addition, the transition at T2EX causes bit EXF2 in T2CON to be set, and EXF2 like
TF2 can generate an interrupt (which vectors to the same location as Timer 2 overflow
interrupt). The Timer 2 interrupt service routine can interrogate TF2 and EXF2 to
determine which event caused the interrupt.
There is no reload value for TL2 and TH2 in this mode. Even when a capture event occurs
from T2EX, the counter keeps on counting T2 pin transitions or fosc/6 pulses. Since once
loaded contents of RCAP2L and RCAP2H registers are not protected, once Timer2
interrupt is signalled it has to be serviced before new capture event on T2EX pin occurs.
Otherwise, the next falling edge on T2EX pin will initiate reload of the current value from
TL2 and TH2 to RCAP2L and RCAP2H and consequently corrupt their content related to
previously reported interrupt.
6.9.2 Auto-reload mode (up or down-counter)
In the 16-bit auto-reload mode, Timer 2 can be configured as either a timer or counter (via
C/T2 in T2CON), then programmed to count up or down. The counting direction is
determined by bit DCEN (Down-counter Enable) which is located in the T2MOD register
(see Table 18 and Table 19). When reset is applied, DCEN = 0 and Timer 2 will default to
counting up. If the DCEN bit is set, Timer 2 can count up or down depending on the value
of the T2EX pin.
Figure 15 shows Timer 2 counting up automatically (DCEN = 0).
Fig 14. Timer 2 in Capture mode
002aaa523
OSC
÷6
T2 pin
C/T2 = 0
C/T2 = 1
TL2
(8-bits)
TH2
(8-bits)
TF2
control
capture
TR2
timer 2
interrupt
EXF2
RCAP2L RCAP2H
control
EXEN2
transition
detector
T2EX pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com