Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 41Page - NXP Semiconductors P89V52X2FN Datasheet HTML 42Page - NXP Semiconductors P89V52X2FN Datasheet HTML 43Page - NXP Semiconductors P89V52X2FN Datasheet HTML 44Page - NXP Semiconductors P89V52X2FN Datasheet HTML 45Page - NXP Semiconductors P89V52X2FN Datasheet HTML 46Page - NXP Semiconductors P89V52X2FN Datasheet HTML 47Page - NXP Semiconductors P89V52X2FN Datasheet HTML 48Page - NXP Semiconductors P89V52X2FN Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
45 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
9.
Dynamic characteristics
[1]
Tcy(clk) = 1/fosc.
Table 45.
Dynamic characteristics
Over operating conditions: load capacitance for Port 0, ALE, and PSEN = 100 pF; load capacitance for all other
outputs = 80 pF
Tamb = −40 °C to +85 °C; VDD = 2.7 V to 5.5 V; VSS =0V[1]
Symbol
Parameter
Conditions
Min
Max
Unit
fosc
oscillator frequency
12-clock mode
0
40
MHz
6-clock mode
0
20
MHz
tLHLL
ALE pulse width
2Tcy(clk) − 15
-
ns
tAVLL
address valid to ALE LOW time
Tcy(clk) − 15
-
ns
tLLAX
address hold after ALE LOW time
Tcy(clk) − 15
-
ns
tLLIV
ALE LOW to valid instruction in time
-
4Tcy(clk) − 45
ns
tLLPL
ALE LOW to PSEN LOW time
Tcy(clk) − 15
-
ns
tPLPH
PSEN pulse width
3Tcy(clk) − 15
-
ns
tPLIV
PSEN LOW to valid instruction in time
-
3Tcy(clk) − 55
ns
tPXIX
input instruction hold after PSEN time
0
-
ns
tPXIZ
input instruction float after PSEN time
-
Tcy(clk) − 20
ns
tPXAV
PSEN to address valid time
Tcy(clk) − 8-
ns
tAVIV
address to valid instruction in time
-
5Tcy(clk) − 60
ns
tPLAZ
PSEN LOW to address float time
-
10
ns
tRLRH
RD LOW pulse width
6Tcy(clk) − 30
-
ns
tWLWH
WR LOW pulse width
6Tcy(clk) − 30
-
ns
tRLDV
RD LOW to valid data in time
-
5Tcy(clk) − 50
ns
tRHDX
data hold after RD time
0
-
ns
tRHDZ
data float after RD time
-
2Tcy(clk) − 12
ns
tLLDV
ALE LOW to valid data in time
-
8Tcy(clk) − 50
ns
tAVDV
address to valid data in time
-
9Tcy(clk) − 75
ns
tLLWL
ALE LOW to RD or WR LOW time
3Tcy(clk) − 15
3Tcy(clk) + 15
ns
tAVWL
address to RD or WR LOW time
4Tcy(clk) − 30
-
ns
tWHQX
data hold after WR time
Tcy(clk) − 20
-
ns
tQVWH
data output valid to WR HIGH time
7Tcy(clk) − 50
-
ns
tRLAZ
RD LOW to address float time
-
0
ns
tWHLH
RD or WR HIGH to ALE HIGH time
Tcy(clk) − 15
Tcy(clk) + 15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com