Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 13Page - NXP Semiconductors P89V52X2FN Datasheet HTML 14Page - NXP Semiconductors P89V52X2FN Datasheet HTML 15Page - NXP Semiconductors P89V52X2FN Datasheet HTML 16Page - NXP Semiconductors P89V52X2FN Datasheet HTML 17Page - NXP Semiconductors P89V52X2FN Datasheet HTML 18Page - NXP Semiconductors P89V52X2FN Datasheet HTML 19Page - NXP Semiconductors P89V52X2FN Datasheet HTML 20Page - NXP Semiconductors P89V52X2FN Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
17 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.8.1 Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a fixed divide-by-32 prescaler. Figure 10 shows Mode 0 operation.
In this mode, the Timer register is configured as a 13-bit register. As the count rolls over
from all 1s to all 0s, it sets the Timer interrupt flag TFn. The count input is enabled to the
Timer when TRn = 1 and either GATE = 0 or INTn = 1. (Setting GATE = 1 allows the Timer
to be controlled by external input INTn, to facilitate pulse width measurements). TRn is a
control bit in the Special Function Register TCON (Figure 8). The GATE bit is in the TMOD
register.
The 13-bit register consists of all 8 bits of THn and the lower 5 bits of TLn. The upper
3 bits of TLn are indeterminate and should be ignored. Setting the run flag (TRn) does not
clear the registers.
Mode 0 operation is the same for Timer 0 and Timer 1 (see Figure 10). There are two
different GATE bits, one for Timer 1 (TMOD.7) and one for Timer 0 (TMOD.3).
6.8.2 Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register (THn and TLn)
are used. See Figure 11.
3
IE1
Interrupt 1 Edge flag. Set by hardware when external interrupt 1
edge/LOW-level is detected. Cleared by hardware when the interrupt
is processed, or by software.
2
IT1
Interrupt 1 Type control bit. Set/cleared by software to specify falling
edge/LOW-level that triggers external interrupt 1.
1
IE0
Interrupt 0 Edge flag. Set by hardware when external interrupt 0
edge/LOW-level is detected. Cleared by hardware when the interrupt
is processed, or by software.
0
IT0
Interrupt 0 Type control bit. Set/cleared by software to specify falling
edge/LOW-level that triggers external interrupt 0.
Table 14.
TCON - Timer/Counter control register (address 88H) bit description …continued
Bit
Symbol
Description
Fig 10. Timer/Counter 0 or 1 in Mode 0 (13-bit counter)
002aaa519
osc/6
Tn pin
TRn
TnGate
INTn pin
C/T = 0
C/T = 1
TLn
(5-bits)
THn
(8-bits)
TFn
control
overflow
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com