Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 3Page - NXP Semiconductors P89V52X2FN Datasheet HTML 4Page - NXP Semiconductors P89V52X2FN Datasheet HTML 5Page - NXP Semiconductors P89V52X2FN Datasheet HTML 6Page - NXP Semiconductors P89V52X2FN Datasheet HTML 7Page - NXP Semiconductors P89V52X2FN Datasheet HTML 8Page - NXP Semiconductors P89V52X2FN Datasheet HTML 9Page - NXP Semiconductors P89V52X2FN Datasheet HTML 10Page - NXP Semiconductors P89V52X2FN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
7 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
[1]
ALE loading issue: When ALE pin experiences higher loading (> 30 pF) during the reset, the microcontroller may accidentally enter into
modes other than normal working mode. The solution is to add a pull-up resistor of 3 k
Ω to 50 kΩ to V
DD, e.g., for ALE pin.
[2]
For 6-clock mode, ALE is emitted at 1
⁄
3 of crystal frequency.
P3[5]/T1
15
11
17
I/O
P3[5] — Port 3 bit 5.
I
T1 — External count input to Timer/Counter 1
P3[6]/WR
16
12
18
O
P3[6] — Port 3 bit 6.
O
WR — External data memory write strobe
P3[7]/RD
17
13
19
O
P3[7] — Port 3 bit 7.
O
RD — External data memory read strobe.
PSEN
29
26
32
I/O
Program Store Enable: PSEN is the read strobe for
external program memory. When the device is executing
from internal program memory, PSEN is inactive (HIGH).
When the device is executing code from external program
memory, PSEN is activated twice each machine cycle,
except that two PSEN activations are skipped during each
access to external data memory.
RST
9
4
10
I
Reset: While the oscillator is running, a HIGH logic state
on this pin for two machine cycles will reset the device.
EA
31
29
35
I
External Access Enable: EA must be connected to VSS in
order to enable the device to fetch code from the external
program memory. EA must be strapped to VDD for internal
program execution.
ALE
30
27
33
I/O
Address Latch Enable: ALE is the output signal for
latching the low byte of the address during an access to
external memory. Normally the ALE[1] is emitted at a
constant rate of 1
⁄6 the crystal frequency[2] and can be
used for external timing and clocking. One ALE pulse is
skipped during each access to external data memory.
However, if AO is set to ‘1’, ALE is disabled.
XTAL1
19
15
21
I
Crystal 1: Input to the inverting oscillator amplifier and
input to the internal clock generator circuits.
XTAL2
18
14
20
O
Crystal 2: Output from the inverting oscillator amplifier.
VDD
40
38
44
I
Power supply
VSS
20
16
22
I
Ground
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
DIP40
LQFP44
PLCC44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com