Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 48Page - NXP Semiconductors P89V52X2FN Datasheet HTML 49Page - NXP Semiconductors P89V52X2FN Datasheet HTML 50Page - NXP Semiconductors P89V52X2FN Datasheet HTML 51Page - NXP Semiconductors P89V52X2FN Datasheet HTML 52Page - NXP Semiconductors P89V52X2FN Datasheet HTML 53Page - NXP Semiconductors P89V52X2FN Datasheet HTML 54Page - NXP Semiconductors P89V52X2FN Datasheet HTML 55Page - NXP Semiconductors P89V52X2FN Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
52 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
Fig 31. Package outline SOT389-1 (LQFP44)
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.6
0.15
0.05
1.45
1.35
0.25
0.45
0.30
0.20
0.12
10.1
9.9
0.8
12.15
11.85
1.14
0.85
7
0
o
o
0.2
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT389-1
136E08
MS-026
00-01-19
02-06-07
D(1)
(1)
(1)
10.1
9.9
HD
12.15
11.85
E
Z
1.14
0.85
D
bp
e
E
B
11
D
H
b p
E
H
v M B
D
ZD
A
ZE
e
v M A
1
44
34
33
23
22
12
θ
A1
A
Lp
detail X
L
(A )
3
A2
X
y
c
w M
w M
0
2.5
5 mm
scale
pin 1 index
LQFP44: plastic low profile quad flat package; 44 leads; body 10 x 10 x 1.4 mm
SOT389-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com