Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 49Page - NXP Semiconductors P89V52X2FN Datasheet HTML 50Page - NXP Semiconductors P89V52X2FN Datasheet HTML 51Page - NXP Semiconductors P89V52X2FN Datasheet HTML 52Page - NXP Semiconductors P89V52X2FN Datasheet HTML 53Page - NXP Semiconductors P89V52X2FN Datasheet HTML 54Page - NXP Semiconductors P89V52X2FN Datasheet HTML 55Page - NXP Semiconductors P89V52X2FN Datasheet HTML 56Page - NXP Semiconductors P89V52X2FN Datasheet HTML 57Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
P89V52X2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 4 May 2009
53 of 57
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
Fig 32. Package outline SOT187-2 (PLCC44)
UNIT
A
A1
min.
A4
max.
bp
ey
w
v
β
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.57
4.19
0.51
3.05
0.53
0.33
0.021
0.013
16.66
16.51
1.27
17.65
17.40
2.16
45
o
0.18
0.1
0.18
DIMENSIONS (mm dimensions are derived from the original inch dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
SOT187-2
D(1)
E(1)
16.66
16.51
HD
HE
17.65
17.40
ZD
(1)
max.
ZE
(1)
max.
2.16
b1
0.81
0.66
k
1.22
1.07
0.180
0.165
0.02
0.12
A3
0.25
0.01
0.656
0.650
0.05
0.695
0.685
0.085
0.007 0.004
0.007
Lp
1.44
1.02
0.057
0.040
0.656
0.650
0.695
0.685
eD
eE
16.00
14.99
0.63
0.59
16.00
14.99
0.63
0.59
0.085
0.032
0.026
0.048
0.042
29
39
44
1
6
717
28
18
40
detail X
(A )
3
bp
w M
A1
A
A4
L p
b1
β
k
X
y
e
E
B
D
H
E
e
E
H
v M B
D
Z D
A
Z E
e
v M A
pin 1 index
112E10
MS-018
EDR-7319
0
5
10 mm
scale
99-12-27
01-11-14
inches
PLCC44: plastic leaded chip carrier; 44 leads
SOT187-2
D
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com