Electronic Components Datasheet Search
  English  ▼

X  

P89V52X2FN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 5Page - NXP Semiconductors P89V52X2FN Datasheet HTML 6Page - NXP Semiconductors P89V52X2FN Datasheet HTML 7Page - NXP Semiconductors P89V52X2FN Datasheet HTML 8Page - NXP Semiconductors P89V52X2FN Datasheet HTML 9Page - NXP Semiconductors P89V52X2FN Datasheet HTML 10Page - NXP Semiconductors P89V52X2FN Datasheet HTML 11Page - NXP Semiconductors P89V52X2FN Datasheet HTML 12Page - NXP Semiconductors P89V52X2FN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 3.
Special function registers[1]
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
MSB
LSB
Bit address
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0H
--------
AUXR
Auxiliary function register
8EH
-------
AO
AUXR1
Auxiliary function register 1
A2H
-
-
-
GF2
0
-
DPS
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
--------
CKCON
B register
8FH
-------
X2
DPTR
Data Pointer (2 B)
DPH
Data Pointer HIGH
83H
--------
DPL
Data Pointer LOW
82H
--------
FMCON
Flash control register (R)
F4H
BUSY
WE
-
DAP
-
-
SV
ERR
Flash control register (W)
FMCMD.7
FMCMD.6
FMCMD.5
FMCMD.4
FMCMD.3
FMCMD.2
FMCMD.1
FMCMD.0
FMDATA
Flash data register
F5H
--------
FMADRH
Flash memory address HIGH
F6H
--------
FMADRL
Flash memory address LOW
F7H
--------
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IE*
Interrupt Enable 0
A8H
EA
-
ET2
ES
ET1
EX1
ET0
EX0
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP*
Interrupt Priority 0
B8H
-
-
PT2
PS
PT1
PX1
PT0
PX0
IPH
Interrupt Priority 0 HIGH
B7H
-
-
PT2H
PS0H
PT1H
PX1H
PT0H
PX0H
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90H
------
T2EX
T2
Bit address
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
Bit address
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TXD
RXD
PCON
Power Control Register
87H
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com