Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 13Page - NXP Semiconductors SC68C652B Datasheet HTML 14Page - NXP Semiconductors SC68C652B Datasheet HTML 15Page - NXP Semiconductors SC68C652B Datasheet HTML 16Page - NXP Semiconductors SC68C652B Datasheet HTML 17Page - NXP Semiconductors SC68C652B Datasheet HTML 18Page - NXP Semiconductors SC68C652B Datasheet HTML 19Page - NXP Semiconductors SC68C652B Datasheet HTML 20Page - NXP Semiconductors SC68C652B Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
17 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
7.2.1 IER versus Transmit/Receive FIFO interrupt mode operation
When the receive FIFO (FCR[0] = logic 1), and receive interrupts (IER[0] = logic 1) are
enabled, the receive interrupts and register status will reflect the following:
• The receive RXRDY interrupt (Level 2 ISR interrupt) is issued to the external CPU
when the receive FIFO has reached the programmed trigger level. It will be cleared
when the receive FIFO drops below the programmed trigger level.
• Receive FIFO status will also be reflected in the user accessible ISR register when
the receive FIFO trigger level is reached. Both the ISR register receive status bit and
the interrupt will be cleared when the FIFO drops below the trigger level.
• The receive data ready bit (LSR[0]) is set as soon as a character is transferred from
the shift register (RSR) to the receive FIFO. It is reset when the FIFO is empty.
• When the Transmit FIFO and interrupts are enabled, an interrupt is generated when
the transmit FIFO is empty due to the unloading of the data by the TSR and UART for
transmission via the transmission media. The interrupt is cleared either by reading the
ISR register, or by loading the THR with new data characters.
2
IER[2]
Receive Line Status interrupt. This interrupt will be issued whenever a
receive data error condition exists as reflected in LSR[4:1].
logic 0 = disable the receiver line status interrupt (normal default
condition)
logic 1 = enable the receiver line status interrupt
1
IER[1]
Transmit Holding Register interrupt. In the 16C450 mode, this interrupt will
be issued whenever the THR is empty, and is associated with LSR[5]. In
the FIFO modes, this interrupt will be issued whenever the FIFO is empty.
logic 0 = disable the Transmit Holding Register Empty (TXRDY) interrupt
(normal default condition)
logic 1 = enable the TXRDY (ISR level 3) interrupt
0
IER[0]
Receive Holding Register. In the 16C450 mode, this interrupt will be
issued when the RHR has data, or is cleared when the RHR is empty. In
the FIFO mode, this interrupt will be issued when the FIFO has reached
the programmed trigger level or is cleared when the FIFO drops below the
trigger level.
logic 0 = disable the receiver ready (ISR level 2, RXRDY) interrupt
(normal default condition)
logic 1 = enable the RXRDY (ISR level 2) interrupt
Table 10.
Interrupt Enable Register bits description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com