Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 24Page - NXP Semiconductors SC68C652B Datasheet HTML 25Page - NXP Semiconductors SC68C652B Datasheet HTML 26Page - NXP Semiconductors SC68C652B Datasheet HTML 27Page - NXP Semiconductors SC68C652B Datasheet HTML 28Page - NXP Semiconductors SC68C652B Datasheet HTML 29Page - NXP Semiconductors SC68C652B Datasheet HTML 30Page - NXP Semiconductors SC68C652B Datasheet HTML 31Page - NXP Semiconductors SC68C652B Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
28 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
8.
Limiting values
Table 27.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
7
V
Vn
voltage on any other pin
at D7 to D0 pins
GND
− 0.3 V
CC + 0.3
V
at input only pins
GND
− 0.3 5.3
V
Tamb
ambient temperature
operating
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Ptot/pack
total power dissipation
per package
-
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com