Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 5 Page - NXP Semiconductors

  SC68C652B Datasheet HTML 1Page - NXP Semiconductors SC68C652B Datasheet HTML 2Page - NXP Semiconductors SC68C652B Datasheet HTML 3Page - NXP Semiconductors SC68C652B Datasheet HTML 4Page - NXP Semiconductors SC68C652B Datasheet HTML 5Page - NXP Semiconductors SC68C652B Datasheet HTML 6Page - NXP Semiconductors SC68C652B Datasheet HTML 7Page - NXP Semiconductors SC68C652B Datasheet HTML 8Page - NXP Semiconductors SC68C652B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
5 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
CTSA
38
I
Clear to Send (active LOW). These inputs are associated with
individual UART channels A and B. A logic 0 (LOW) on the CTSn
pins indicates the modem or data set is ready to accept transmit
data from the SC68C652B. Status can be tested by reading
MSR[4]. These pins have no effect on the UART’s transmit or
receive operation.
CTSB
23
I
D0
44
I/O
Data bus (bidirectional). These pins are the 8-bit, 3-state data
bus for transferring information to or from the controlling CPU. D0 is
the least significant bit and the first data bit in a transmit or receive
serial data stream.
D1
45
I/O
D2
46
I/O
D3
47
I/O
D4
48
I/O
D5
1
I/O
D6
2
I/O
D7
3
I/O
DSRA
39
I
Data Set Ready (active LOW). These inputs are associated with
individual UART channels A and B. A logic 0 (LOW) on these pins
indicates the modem or data set is powered-on and is ready for
data exchange with the UART. These pins have no effect on the
UART’s transmit or receive operation.
DSRB
20
I
DTRA
34
O
Data Terminal Ready (active LOW). These outputs are
associated with individual UART channels A and B. A logic 0
(LOW) on these pins indicates that the SC68C652B is powered-on
and ready. These pins can be controlled via the modem control
register. Writing a logic 1 to MCR[0] will set the DTRn output pin to
logic 0 (LOW), enabling the modem. The output of these pins will
be a logic 1 after writing a logic 0 to MCR[0], or after a reset. These
pins have no effect on the UART’s transmit or receive operation.
DTRB
35
O
GND
17, 24
I
Signal and power ground
IRQ
30
O
Interrupt Request. Interrupts from UART channels A-B are
wire-ORed internally to function as a single IRQ interrupt. This pin
transitions to a logic 0 (if enabled by the interrupt enable register)
whenever a UART channel(s) requires service. Individual channel
interrupt status can be determined by addressing each channel
through its associated internal register, using CS and A3. An
external pull-up resistor must be connected between this pin and
VCC.
R/W
15
I
A logic LOW on this pin will transfer the contents of the data bus
(D[7:0]) from an external CPU to an internal register that is defined
by address bits A[2:0]. A logic HIGH on this pin will load the
contents of an internal register defined by address bits A[2:0] on
the SC68C652B data bus (D[7:0]) for access by an external CPU.
n.c.
12, 25,
29, 37
-
not connected
OP2A
32
O
Output 2 (user-defined). This function is associated with
individual channels A and B. The state of these pins is defined by
the user through the software settings of MCR[3]. OP2A/OP2B is a
logic 0 when MCR[3] is set to a logic 1. OP2A/OP2B is a logic 1
when MCR[3] is set to a logic 0. The output of these two pins is
HIGH after reset.
OP2B
9
O
Table 2.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com