Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 25Page - NXP Semiconductors SC68C652B Datasheet HTML 26Page - NXP Semiconductors SC68C652B Datasheet HTML 27Page - NXP Semiconductors SC68C652B Datasheet HTML 28Page - NXP Semiconductors SC68C652B Datasheet HTML 29Page - NXP Semiconductors SC68C652B Datasheet HTML 30Page - NXP Semiconductors SC68C652B Datasheet HTML 31Page - NXP Semiconductors SC68C652B Datasheet HTML 32Page - NXP Semiconductors SC68C652B Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
29 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
9.
Static characteristics
[1]
Except XTAL2; VOL = 1 V typical.
Table 28.
Static characteristics
Tamb = −40 °C to +85 °C; tolerance of VCC ± 10 %, unless otherwise specified.
Symbol
Parameter
Conditions
VCC = 2.5 V
VCC = 3.3 V
VCC = 5.0 V
Unit
Min
Max
Min
Max
Min
Max
VIL(clk)
clock LOW-level input voltage
−0.3
0.45
−0.3
0.6
−0.5
0.6
V
VIH(clk)
clock HIGH-level input voltage
1.8
VCC
2.4
VCC
3.0
VCC
V
VIL
LOW-level input voltage
except X1 clock
−0.3
0.65
−0.3
0.8
−0.5
0.8
V
VIH
HIGH-level input voltage
except X1 clock
1.6
-
2.0
-
2.2
-
V
VOL
LOW-level output voltage
on all outputs
[1]
IOL =5mA
(data bus)
-
-
-
-
-
0.4
V
IOL =4mA
(other outputs)
-
-
-
0.4
-
-
V
IOL =2mA
(data bus)
-
0.4
----
V
IOL = 1.6 mA
(other outputs)
-
0.4
----
V
VOH
HIGH-level output voltage
IOH = −5mA
(data bus)
----
2.4
-
V
IOH = −1mA
(other outputs)
--
2.0
---
V
IOH = −800 µA
(data bus)
1.85
-
-
-
-
-
V
IOH = −400 µA
(other outputs)
1.85
-
-
-
-
-
V
ILIL
LOW-level input leakage
current
-
±10
-
±10
-
±10
µA
IL(clk)
clock leakage current
-
±30
-
±30
-
±30
µA
ICC
supply current
-
3.5
-
4.5
-
4.5
mA
ICC(sleep)
sleep mode supply current
-
200
-
200
-
200
µA
Ci
input capacitance
-5-5-5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com