Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 7Page - NXP Semiconductors SC68C652B Datasheet HTML 8Page - NXP Semiconductors SC68C652B Datasheet HTML 9Page - NXP Semiconductors SC68C652B Datasheet HTML 10Page - NXP Semiconductors SC68C652B Datasheet HTML 11Page - NXP Semiconductors SC68C652B Datasheet HTML 12Page - NXP Semiconductors SC68C652B Datasheet HTML 13Page - NXP Semiconductors SC68C652B Datasheet HTML 14Page - NXP Semiconductors SC68C652B Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
11 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
as received data passes the programmed trigger level. To clear this condition, the
SC68C652B will transmit the programmed Xon1/Xon2 characters as soon as receive data
drops below the programmed trigger level.
6.6 Special feature software flow control
A special feature is provided to detect an 8-bit character when EFR[5] is set. When 8-bit
character is detected, wit will be placed on the user-accessible data stack along with
normal incoming receive data. This condition is selected in conjunction with EFR[3:0].
Note that software flow control should be turned off when using this special mode by
setting EFR[3:0] to a logic 0.
The SC68C652B compares each incoming receive character with Xoff2 data. If a match
exists, the received data will be transferred to the FIFO, and ISR[4] will be set to indicate
detection of a special character. Although Table 9 “SC68C652B internal registers” shows
each X-register with eight bits of character information, the actual number of bits is
dependent on the programmed word length. Line Control Register bits LCR[1:0] define the
number of character bits, that is, either 5 bits, 6 bits, 7 bits or 8 bits. The word length
selected by LCR[1:0] also determine the number of bits that will be used for the special
character comparison. Bit 0 in the X-registers corresponds with the LSB bit for the receive
character.
6.7 Hardware/software and time-out interrupts
The interrupts are enabled by IER[3:0]. Care must be taken when handling these
interrupts. Following a reset, if Interrupt Enable Register (IER) bit 1 = 1, the SC68C652B
will issue a Transmit Holding Register interrupt. This interrupt must be serviced prior to
continuing operations. The ISR register provides the current singular highest priority
interrupt only. It could be noted that CTS and RTS interrupts have lowest interrupt priority.
A condition can exist where a higher priority interrupt may mask the lower priority
CTS/RTS interrupt(s). Only after servicing the higher pending interrupt will the lower
priority CTS/RTS interrupt(s) be reflected in the status register. Servicing the interrupt
without investigating further interrupt conditions can result in data errors.
When two interrupt conditions have the same priority, it is important to service these
interrupts correctly. Receive Data Ready and Receive Time-Out have the same interrupt
priority (when enabled by IER[0]). The receiver issues an interrupt after the number of
characters have reached the programmed trigger level. In this case, the SC68C652B
FIFO may hold more characters than the programmed trigger level. Following the removal
of a data byte, the user should re-check LSR[0] for additional characters. A Receive
Time-Out will not occur if the receive FIFO is empty. The time-out counter is reset at the
center of each stop bit received or each time the receive holding register (RHR) is read.
The actual time-out value is 4 character time, including data information length, start bit,
parity bit, and the size of stop bit, that is, 1
×, 1.5×, or 2× bit times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com