Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 2Page - NXP Semiconductors SC68C652B Datasheet HTML 3Page - NXP Semiconductors SC68C652B Datasheet HTML 4Page - NXP Semiconductors SC68C652B Datasheet HTML 5Page - NXP Semiconductors SC68C652B Datasheet HTML 6Page - NXP Semiconductors SC68C652B Datasheet HTML 7Page - NXP Semiconductors SC68C652B Datasheet HTML 8Page - NXP Semiconductors SC68C652B Datasheet HTML 9Page - NXP Semiconductors SC68C652B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
6 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
RESET
36
I
Reset (active LOW). This pin will reset the internal registers and
all the outputs. The UART transmitter output and the receiver input
will be disabled during reset time. See Section 7.11 “SC68C652B
external reset condition” for initialization details.
RIA
41
I
Ring Indicator (active LOW). These inputs are associated with
individual UART channels A and B. A logic 0 on these pins
indicates the modem has received a ringing signal from the
telephone line. A logic 1 transition on these input pins generates an
interrupt.
RIB
21
I
RTSA
33
O
Request to Send (active LOW). These outputs are associated
with individual UART channels, A and B. A logic 0 on the RTSn pin
indicates the transmitter has data ready and waiting to send.
Writing a logic 1 in the modem control register MCR[1] will set this
pin to a logic 0, indicating data is available. After a reset these pins
are set to a logic 1. These pins have no effect on the UART’s
transmit or receive operation.
RTSB
22
O
RXA
5
I
Receive data input. These inputs are associated with individual
serial channel data to the SC68C652B receive input circuits A and
B. The RXn pin will be a logic 1 during reset, idle (no data), or when
the transmitter is disabled. During the local loopback mode, these
RXn input pins are disabled and transmit data is connected to the
UART receive input internally.
RXB
4
I
RXRDYA31
O
Receive Ready (active LOW). RXRDYA or RXRDYB goes LOW
when the trigger level has been reached or the FIFO has at least
one character. It goes HIGH when the receive FIFO is empty.
RXRDYB
18
O
TXA
7
O
Transmit data A, B. These outputs are associated with individual
serial transmit channel data from the SC68C652B. The TXn pin will
be a logic 1 during reset, idle (no data), or when the transmitter is
disabled. During the local loopback mode, the TXn output pins are
disabled and transmit data is internally connected to the UART
receive input.
TXB
8
O
TXRDYA43
O
Transmit Ready A, B (active LOW). These outputs provide the
transmit FIFO/THR status for individual transmit channels A and B.
TXRDYn is primarily intended for monitoring DMA mode 1 transfers
for the transmit data FIFOs. An individual channel’s TXRDYA,
TXRDYB buffer ready status is indicated by logic 0, that is, at least
one location is empty and available in the FIFO or THR. This pin
goes to a logic 1 (DMA mode 1) when there are no more empty
locations in the FIFO or THR. This signal can also be used for
single mode transfers (DMA mode 0).
TXRDYB
6
O
Table 2.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com