Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 23Page - NXP Semiconductors SC68C652B Datasheet HTML 24Page - NXP Semiconductors SC68C652B Datasheet HTML 25Page - NXP Semiconductors SC68C652B Datasheet HTML 26Page - NXP Semiconductors SC68C652B Datasheet HTML 27Page - NXP Semiconductors SC68C652B Datasheet HTML 28Page - NXP Semiconductors SC68C652B Datasheet HTML 29Page - NXP Semiconductors SC68C652B Datasheet HTML 30Page - NXP Semiconductors SC68C652B Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
27 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
[1]
When using a software flow control the Xon/Xoff characters cannot be used for data transfer.
7.11 SC68C652B external reset condition
Table 24.
Software flow control functions[1]
Cont-3
Cont-2
Cont-1
Cont-0
TX, RX software flow controls
0
0
X
X
no transmit flow control
1
0
X
X
transmit Xon1/Xoff1
0
1
X
X
transmit Xon2/Xoff2
1
1
X
X
transmit Xon1 and Xon2/Xoff1 and Xoff2
X
X
0
0
no receive flow control
X
X
1
0
receiver compares Xon1/Xoff1
X
X
0
1
receiver compares Xon2/Xoff2
1011transmit Xon1/Xoff1
receiver compares Xon1 and Xon2/Xoff1 and Xoff2
0111transmit Xon2/Xoff2
receiver compares Xon1 and Xon2/Xoff1 and Xoff2
1111transmit Xon1 and Xon2/Xoff1 and Xoff2
receiver compares Xon1 and Xon2/Xoff1 and Xoff2
Table 25.
Reset state for registers
Register
Reset state
IER
IER[7:0] = 0
FCR
FCR[7:0] = 0
ISR
ISR[7:1] = 0; ISR[0] = 1
LCR
LCR[7:0] = 0
MCR
MCR[7:0] = 0
LSR
LSR[7] = 0; LSR[6:5] = 1; LSR[4:0] = 0
MSR
MSR[7:4] = input signals; MSR[3:0] = 0
SPR
SFR[7:0] = 1
DLL
DLL[7:0] = X
DLM
DLM[7:0] = X
Table 26.
Reset state for outputs
Output
Reset state
TXA, TXB
logic 1
OP2A, OP2B
logic 1
RTSA, RTSB
logic 1
DTRA, DTRB
logic 1
IRQ
3-state condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com