Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 32Page - NXP Semiconductors SC68C652B Datasheet HTML 33Page - NXP Semiconductors SC68C652B Datasheet HTML 34Page - NXP Semiconductors SC68C652B Datasheet HTML 35Page - NXP Semiconductors SC68C652B Datasheet HTML 36Page - NXP Semiconductors SC68C652B Datasheet HTML 37Page - NXP Semiconductors SC68C652B Datasheet HTML 38Page - NXP Semiconductors SC68C652B Datasheet HTML 39Page - NXP Semiconductors SC68C652B Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
36 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
Fig 15. Infrared transmit timing
01
01
00
11
1
0
UART frame
TX data
1/2 bit time
002aaa212
data bits
start
stop
bit
time
IrDA TX data
3/16 bit time
Fig 16. Infrared receive timing
01
01
00
11
1
0
UART frame
RX data
IrDA RX data
bit
time
002aaa213
start
data bits
stop
0 to 1 16
× clock delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com