Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC68C652B Datasheet HTML 12Page - NXP Semiconductors SC68C652B Datasheet HTML 13Page - NXP Semiconductors SC68C652B Datasheet HTML 14Page - NXP Semiconductors SC68C652B Datasheet HTML 15Page - NXP Semiconductors SC68C652B Datasheet HTML 16Page - NXP Semiconductors SC68C652B Datasheet HTML 17Page - NXP Semiconductors SC68C652B Datasheet HTML 18Page - NXP Semiconductors SC68C652B Datasheet HTML 19Page - NXP Semiconductors SC68C652B Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
16 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
7.1 Transmit Holding Register (THR) and Receive Holding Register (RHR)
The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and
Transmit Shift Register (TSR). The status of the THR is provided in the Line Status
Register (LSR). Writing to the THR transfers the contents of the data bus (D[7:0]) to the
TSR and UART via the THR, providing that the THR is empty. The THR empty flag in the
LSR register will be set to a logic 1 when the transmitter is empty or when data is
transferred to the TSR. Note that a write operation can be performed when the THR
empty flag is set (logic 0 = at least one byte in FIFO/THR, logic 1 = FIFO/THR empty).
The serial receive section also contains an 8-bit Receive Holding Register (RHR) and a
Receive Serial Shift Register (RSR). Receive data is removed from the SC68C652B and
receive FIFO by reading the RHR register. The receive section provides a mechanism to
prevent false starts. On the falling edge of a start or false start bit, an internal receiver
counter starts counting clocks at the 16
× clock rate. After 71⁄
2 clocks, the start bit time
should be shifted to the center of the start bit. At this time the start bit is sampled, and if it
is still a logic 0 it is validated. Evaluating the start bit in this manner prevents the receiver
from assembling a false character. Receiver status codes will be posted in the LSR.
7.2 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the interrupts from receiver ready, transmitter
empty, line status and modem status registers. These interrupts would normally be seen
on the IRQ output pin.
Table 10.
Interrupt Enable Register bits description
Bit
Symbol
Description
7
IER[7]
CTS interrupt
logic 0 = disable the CTS interrupt (normal default condition)
logic 1 = enable the CTS interrupt. The SC68C652B issues an interrupt
when the CTSn pin transitions from a logic 0 to a logic 1.
6
IER[6]
RTS interrupt
logic 0 = disable the RTS interrupt (normal default condition)
logic 1 = enable the RTS interrupt. The SC68C652B issues an interrupt
when the RTSn pin transitions from a logic 0 to a logic 1.
5
IER[5]
Xoff interrupt
logic 0 = disable the software flow control, receive Xoff interrupt (normal
default condition)
logic 1 = enable the software flow control, receive Xoff interrupt
4
IER[4]
Sleep mode
logic 0 = disable Sleep mode (normal default condition)
logic 1 = enable Sleep mode
3
IER[3]
Modem Status Interrupt. This interrupt will be issued whenever there is a
modem status change as reflected in MSR[3:0].
logic 0 = disable the modem status register interrupt (normal default
condition)
logic 1 = enable the modem status register interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com