Electronic Components Datasheet Search
  English  ▼

X  

SC68C652B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC68C652B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC68C652B Datasheet(HTML) 4 Page - NXP Semiconductors

  SC68C652B Datasheet HTML 1Page - NXP Semiconductors SC68C652B Datasheet HTML 2Page - NXP Semiconductors SC68C652B Datasheet HTML 3Page - NXP Semiconductors SC68C652B Datasheet HTML 4Page - NXP Semiconductors SC68C652B Datasheet HTML 5Page - NXP Semiconductors SC68C652B Datasheet HTML 6Page - NXP Semiconductors SC68C652B Datasheet HTML 7Page - NXP Semiconductors SC68C652B Datasheet HTML 8Page - NXP Semiconductors SC68C652B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
SC68C652B_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 November 2009
4 of 43
NXP Semiconductors
SC68C652B
Dual UART with 32-byte FIFOs and IrDA encoder/decoder
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for LQFP48
SC68C652BIB48
D5
RESET
D6
DTRB
D7
DTRA
RXB
RTSA
RXA
OP2A
TXRDYB
RXRDYA
TXA
IRQ
TXB
n.c.
OP2B
A0
CS
A1
A3
A2
n.c.
n.c.
002aab324
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 2.
Pin description
Symbol
Pin
Type
Description
A0
28
I
Address 0 select bit. Internal registers address selection.
A1
27
I
Address 1 select bit. Internal registers address selection.
A2
26
I
Address 2 select bit. Internal registers address selection.
A3
11
I
Address 3 select bit. A3 is used to select Channel A or
Channel B. A logic LOW selects Channel A, and a logic HIGH
selects Channel B. (See Table 3.)
CDA40
I
Carrier Detect (active LOW). These inputs are associated with
individual UART channels A and B. A logic 0 on these pins
indicates that a carrier has been detected by the modem for that
channel.
CDB
16
I
CS
10
I
Chip Select (active LOW). This pin enables data transfers
between the user CPU and the SC68C652B for the channel(s)
addressed. Individual UART sections (A, B) are addressed by A3.
See Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com